Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA2014-EC-02 Datasheet(PDF) 2 Page - Emcore Corporation

Part # MAFA2014-EC-02
Description  Erbium Doped Fiber Micro Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA2014-EC-02 Datasheet(HTML) 2 Page - Emcore Corporation

  MAFA2014-EC-02 Datasheet HTML 1Page - Emcore Corporation MAFA2014-EC-02 Datasheet HTML 2Page - Emcore Corporation MAFA2014-EC-02 Datasheet HTML 3Page - Emcore Corporation MAFA2014-EC-02 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Unit
Limit
Models
Comments
2014
2017
2020
2023
2024
2027
Operating Input
Power
Pin (dBm)
Max
12
12
12
12
12
12
Operating Input
Power
Pin (dBm)
Min
-10
-10
-10
-10
-10
-10
Typical
(May vary for some models)
Output Power
Po(dBm)
Nominal
14
+/-.20
17
+/-.20
20
+/-.20
23
+/-.25
24
+/-.20
27
+/-.20
Note 2
Noise Figure
NF (dB)
Typ/Max
4.5/5.0
4.5/5.0
4.5/5.0
4.5/5.0
5.0/5.5
5.0/5.5
(Notes 3, 8)
Static Gain
Flatness
Gs (dB)
Max
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
(Notes 4)
Dynamic Gain
Flatness
Gd (dB)
Max
+/-1.0
+/-1.25
+/-1.5
+/-2.0
+/-2.0
+/-2.0
(Notes 5, 7)
Output Power
Stability
(dB)
Max
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/-0.2
(Note 6)
Power
Consumption
(Steady state)
Psys(W)
Max
3
4
8
10
15
25
70
oC Case
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Measurement variations
3. Measured with 8 evenly spread input optical signals @ 25°C,
Pin ≈ 0 dBm. Measuring with 1 input optical signal with Pin
≈ 0 dBm and
 ≈ 1550 nm is also available (Low Noise Figure options with NF <4.0/4.5 dB are available for some models
only)
4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25
C
5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈ Pp+20 dB; Pt + Pp ≈ 0 dBm)
@ 25
C; Gain Flattened Options with ΔG ≤ +/-0.75dB or ΔG ≤ +/-1.0dB are available (for some models only)
6. Over polarization and temperature
7. Static and Dynamic Gain Flatness for PONA 2130 can be defined for 1545 nm ≤
 ≤ 1562 nm and by special request
only.
8. Specific NF and ΔG can be guaranteed at a single specified Input Optical Power Level (Pin = Pt + Pp) equal or different
from 0 dBm.
General and Mechanical Specifications
Property
Requirement
Comments
Operating Wavelength
1530 nm ~ 1562 nm
Standard
Operating Case Temperature
-20C to 75
C
Storage Temperature
-40
C to 85C
Operating Humidity
20% to 85%
Non-condensing
Voltage Supply Range
+4.5V to +5.5VDC
All versions
Optical Connectors
SC/APC; SC/UPC; FC/APC;
FC/UPC; E2000/APC
User Specified
Dimensions (in)
4.9”W x 5.9”D x 0.8”H
4.9”W x 5.9”D x 1.9”H
MAFA 2014 to MAFA 2023
MAFA 2024 to MAFA 2027
* With a 1” heat sink. (MAFA 2024 and MAFA 2027 require a heat sink to meet operating temperature specifications)
MAFA 2000 Series EDFA


Similar Part No. - MAFA2014-EC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA2014-EC-02 EMCORE-MAFA2014-EC-02 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
More results

Similar Description - MAFA2014-EC-02

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
MAFA-1000 EMCORE-MAFA-1000 Datasheet
533Kb / 5P
   MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com