Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPCI-204-1203 Datasheet(PDF) 2 Page - SL Power Electronics

Part # DPCI-204-1203
Description  The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DPCI-204-1203 Datasheet(HTML) 2 Page - SL Power Electronics

  DPCI-204-1203 Datasheet HTML 1Page - SL Power Electronics DPCI-204-1203 Datasheet HTML 2Page - SL Power Electronics DPCI-204-1203 Datasheet HTML 3Page - SL Power Electronics DPCI-204-1203 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
101
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
Power Supply Pin Assignments
Model: CPCI-204-1203
Connector: Positronics PCI47M400A1
Mating Connector: PCIH47F300A1
Model: DPCI-204-1203
Connector: Positronics PCI47M400A1
Mating Connector: PCIH47F300A1
Model: CPCI-204-1203M
Male Connector: DIN 41612 Type “M”
Mating Connector: ERNI #914374 or AMP#148370
Model: DPCI-204-1203M
Male Connector: DIN 41612 Type “M”
Mating Connector: ERNI #914374 or AMP#148370
CPCI Series / DPCI Series 200 Watts
CompactPCI® System Power Supplies
.
o
N
n
i
P
n
o
i
t
a
n
g
i
s
e
D
.
o
N
n
i
P
n
o
i
t
a
n
g
i
s
e
D
1V
5
+5
2d
e
s
U
t
o
N
2V
5
+6
2d
e
s
U
t
o
N
3V
5
+*
7
2e
l
b
a
n
E
4V
5
+8
2d
e
s
U
t
o
N
5D
N
G9
2d
e
s
U
t
o
N
6D
N
G0
3e
s
n
e
S
V
5
+
7D
N
G1
3d
e
s
U
t
o
N
8D
N
G2
3d
e
s
U
t
o
N
9D
N
G3
3e
s
n
e
S
V
3
.
3
+
0
1D
N
G4
3n
r
u
t
e
R
e
s
n
e
S
1
1D
N
G5
3d
e
s
U
t
o
N
2
1D
N
G6
3e
s
n
e
S
V
2
1
+
3
1V
3
.
3
+7
3d
e
s
U
t
o
N
4
1V
3
.
3
+8
3#
G
E
D
5
1V
3
.
3
+9
3t
i
b
i
h
n
I
6
1V
3
.
3
+0
4d
e
s
U
t
o
N
7
1V
3
.
3
+1
4d
e
s
U
t
o
N
8
1V
3
.
3
+2
4#
li
a
F
9
1D
N
G3
4d
e
s
U
t
o
N
0
2t
u
p
t
u
O
V
2
1
+4
4d
e
s
U
t
o
N
1
2t
u
p
t
u
O
V
2
1
-5
4d
n
u
o
r
G
y
t
e
f
a
S
2
2D
N
G6
4l
a
r
t
u
e
N
c
A
3
2d
e
s
U
t
o
N7
4e
n
i
L
c
A
4
2D
N
G
.
o
N
n
i
P
n
o
i
t
a
n
g
i
s
e
D
.
o
N
n
i
P
n
o
i
t
a
n
g
i
s
e
D
1V
5
+5
2d
e
s
U
t
o
N
2V
5
+6
2d
e
s
U
t
o
N
3V
5
+*
7
2e
l
b
a
n
E
4V
5
+8
2d
e
s
U
t
o
N
5D
N
G9
2d
e
s
U
t
o
N
6D
N
G0
3e
s
n
e
S
V
5
+
7D
N
G1
3d
e
s
U
t
o
N
8D
N
G2
3d
e
s
U
t
o
N
9D
N
G3
3e
s
n
e
S
V
3
.
3
+
0
1D
N
G4
3n
r
u
t
e
R
e
s
n
e
S
1
1D
N
G5
3d
e
s
U
t
o
N
2
1D
N
G6
3e
s
n
e
S
V
2
1
+
3
1V
3
.
3
+7
3d
e
s
U
t
o
N
4
1V
3
.
3
+8
3#
G
E
D
5
1V
3
.
3
+9
3t
i
b
i
h
n
I
6
1V
3
.
3
+0
4d
e
s
U
t
o
N
7
1V
3
.
3
+1
4d
e
s
U
t
o
N
8
1V
3
.
3
+2
4#
li
a
F
9
1D
N
G3
4d
e
s
U
t
o
N
0
2t
u
p
t
u
O
V
2
1
+4
4d
e
s
U
t
o
N
1
2t
u
p
t
u
O
V
2
1
-*
*
5
4d
n
u
o
r
G
y
t
e
f
a
S
2
2D
N
G6
4n
r
u
t
e
R
t
u
p
n
I
c
d
V
8
4
-
3
2d
e
s
U
t
o
N7
4t
u
p
n
I
c
d
V
8
4
-
4
2D
N
G
.
o
N
n
i
P
n
o
i
t
a
n
g
i
s
e
D
.
o
N
n
i
P
n
o
i
t
a
n
g
i
s
e
D
3
1
Ad
e
s
U
t
o
N7
1
BV
3
.
3
+
4
1
At
i
b
i
h
n
I9
1
Bt
u
p
t
u
O
V
2
1
+
5
1
Ad
e
s
U
t
o
N9
1
Bt
u
p
t
u
O
V
2
1
+
6
1
An
r
u
t
e
R
e
s
n
e
S0
2
Bt
u
p
t
u
O
V
2
1
-
7
1
Ae
s
n
e
S
V
5
+2
2
BV
5
+
8
1
Ae
s
n
e
S
V
3
.
3
+5
2
BD
N
G
9
1
At
u
p
t
u
O
V
2
1
+8
2
Bd
e
s
U
t
o
N
0
2
At
u
p
t
u
O
V
2
1
-1
3
Bd
e
s
U
t
o
N
2
Be
n
i
L
c
A3
1
Ce
l
b
a
n
E
5
Bl
a
r
t
u
e
N
c
A4
1
C#
g
e
D
8
Bd
e
s
U
t
o
N5
1
C#
l
i
a
F
1
1
Bd
n
u
o
r
G
s
i
s
s
a
h
C6
1
CV
3
.
3
+
3
1
BV
3
.
3
+7
1
CV
3
.
3
+
4
1
BV
3
.
3
+8
1
CV
3
.
3
+
5
1
BV
3
.
3
+9
1
Ct
u
p
t
u
O
V
2
1
+
6
1
BV
3
.
3
+0
2
Ct
u
p
t
u
O
V
2
1
-
.
o
N
n
i
P
n
o
i
t
a
n
g
i
s
e
D
.
o
N
n
i
P
n
o
i
t
a
n
g
i
s
e
D
3
1
Ad
e
s
U
t
o
N7
1
BV
3
.
3
+
4
1
At
i
b
i
h
n
I8
1
BV
3
.
3
+
5
1
Ad
e
s
U
t
o
N9
1
Bt
u
p
t
u
O
V
2
1
+
6
1
An
r
u
t
e
R
e
s
n
e
S0
2
Bt
u
p
t
u
O
V
2
1
-
7
1
Ae
s
n
e
S
V
5
+2
2
BV
5
+
8
1
Ae
s
n
e
S
V
3
.
3
+5
2
BD
N
G
9
1
At
u
p
t
u
O
V
2
1
+8
2
Bn
r
u
t
e
R
t
u
p
n
I
c
d
V
8
4
-
0
2
At
u
p
t
u
O
V
2
1
-1
3
Bt
u
p
n
I
c
d
V
8
4
-
2
Bd
e
s
U
t
o
N3
1
Ce
l
b
a
n
E
5
Bd
e
s
U
t
o
N4
1
C#
g
e
D
8
Bd
e
s
U
t
o
N5
1
C#
l
i
a
F
1
1
Bd
n
G
s
i
s
s
a
h
C6
1
CV
3
.
3
+
3
1
BV
3
.
3
+7
1
CV
3
.
3
+
4
1
BV
3
.
3
+8
1
CV
3
.
3
+
5
1
BV
3
.
3
+9
1
Ct
u
p
t
u
O
V
2
1
+
6
1
BV
3
.
3
+0
2
Ct
u
p
t
u
O
V
2
1
-


Similar Part No. - DPCI-204-1203

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-204-1203 SLPOWER-DPCI-204-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204-1203 SLPOWER-DPCI-204-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204-1203 SLPOWER-DPCI-204-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204-1203 SLPOWER-DPCI-204-1203 Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204-1203 SLPOWER-DPCI-204-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - DPCI-204-1203

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-150_DD SLPOWER-DPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204_DD SLPOWER-DPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-350_DD SLPOWER-DPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-350_DD SLPOWER-CPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
logo
Amphenol Corporation
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
logo
Power-One
PCU5 POWER-ONE-PCU5 Datasheet
40Kb / 2P
   Controllers are used in PPS5 and PPS7 Power Systems.
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com