Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPCI-204-1203M Datasheet(PDF) 1 Page - SL Power Electronics

Part # DPCI-204-1203M
Description  The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DPCI-204-1203M Datasheet(HTML) 1 Page - SL Power Electronics

  DPCI-204-1203M Datasheet HTML 1Page - SL Power Electronics DPCI-204-1203M Datasheet HTML 2Page - SL Power Electronics DPCI-204-1203M Datasheet HTML 3Page - SL Power Electronics DPCI-204-1203M Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
FEATURES:
• 200 W in 3U x 8HP,
• Fully compliant with PICMG CompactPCI® specifications
• Current sharing and internal OR-ing diodes for N+1
redundancy
• High current 5 V and 3.3 V outputs
• CompactPCI® package requires only 15 cfm of external
cooling air
• Universal ac input versions with power factor correction
• 48 Vdc input versions
The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are
increasingly used in communications, industrial, military/aerospace, and other applications. These power supplies offer high power
density in plug-in modules that meet the requirements of the PICMG® power interface specification for CompactPCI systems.
These units may be used as a single power supply for a CompactPCI system, or multiple units may be used in parallel for higher
power capability as needed. In addition, all units include current sharing, internal OR-ing diodes, and a hot plug input/output connector
to offer full hot swap capability and N+1 redundancy. Also, compatible ac and dc input units offer standardization on a single power
supply series for a system mechanical configuration.
The CPQ400 is a power supply assembly that is made up of two CPCI/DCPI 204s. Two supplies are enclosed with a fan to provide an
alternative mounting configuration to the Compact PCI format. This is used for maximizing the number of a customers revenue slots by
relocating the power supply while still keeping the CPCI/DCPI electrical characteristics. These supplies can be used in parallel to
provide 400 watts of output power or as a 200 watt N +1 redundant power supply system. An optional interface board brings the input
and output connectors to convenient screw terminals and Molex type connectors. The individual model ratings depend on the specific
units chosen and you should refer to the standard CPCI/DCPI data sheets. When used as a single 400 watt unit, you can simply
double the single unit specifications.
CPCI SERIES SPECIFICATIONS
AC INPUT: 90-264 Vac continuous range, 47 to 63 Hz.
POWER FACTOR: 0.99 typical at full load.
Meets EN61000-3-2 Class A.
INRUSH:
CPCI : Cold start ac current is less than 27 A at 115 Vac, and 50
A at 230 Vac. Limited by thermistor.
BROWNOUT PROTECTION: Holds regulation to 85 Vac
(30 seconds maximum)
DPCI SERIES SPECIFICATIONS
DC INPUT: 36-72 Vdc
EFFICIENCY: 75% typical
CPCI Series / DPCI Series 200 Watts
CompactPCI® System Power Supplies
HOLDUP TIME: 10 ms minimum after removal of power at full load.
EFFICIENCY: 70% typical.
EMI: CONDUCTED RFI
Meets FCC Part 15, Class A; EN55022 Class A.
FAIL# SIGNAL: TTL compatible signal. Signal goes low under
the following conditions: Outputs #1 or #2 fail; an overcurrent
condition on outputs #1, #2, or #3; an overtemperature shutdown;
an overvoltage shutdown; or an ac input failure (5 ms warning
before outputs shutdown).
l
e
d
o
M
r
e
w
o
P
r
o
t
c
e
n
n
o
C
1
t
u
p
t
u
O
2
t
u
p
t
u
O
3
t
u
p
t
u
O
4
t
u
p
t
u
O
d
a
o
L
.
n
i
M
t
u
p
t
u
O
.
x
a
M
*
1
V
n
o
2
V
&
1
V
m
o
r
F
3
0
2
1
-
4
0
2
-
I
C
P
CW
0
0
2n
i
P
7
4A
5
2
@
V
0
.
5A
0
3
@
V
3
.
3A
5
.
5
@
V
2
1A
5
.
0
@
V
2
1
-A
0
.
3A
5
3
M
3
0
2
1
-
4
0
2
-
I
C
P
CW
0
0
2'
M
"
N
I
DA
5
2
@
V
0
.
5A
5
2
@
V
3
.
3A
5
.
5
@
V
2
1A
5
.
0
@
V
2
1
-A
0
.
3A
5
3
FAIL# SIGNAL: TTL compatible signal. Signal goes low under
the following conditions: Any of 4 outputs fail; an overtemperature
shutdown; or an overvoltage shutdown.
AC INPUT
l
e
d
o
M
r
e
w
o
P
r
o
t
c
e
n
n
o
C
1
t
u
p
t
u
O
2
t
u
p
t
u
O
3
t
u
p
t
u
O
4
t
u
p
t
u
O
d
a
o
L
.
n
i
M
t
u
p
t
u
O
.
x
a
M
*
1
V
n
o
2
V
&
1
V
m
o
r
F
3
0
2
1
-
4
0
2
-
I
C
P
DW
0
0
2n
i
P
7
4A
5
2
@
V
5A
0
3
@
V
3
.
3A
5
.
5
@
V
2
1A
5
.
0
@
V
2
1
-A
0
.
3A
5
3
M
3
0
2
1
-
4
0
2
-
I
C
P
DW
0
0
2"
M
"
N
I
DA
5
2
@
V
5A
5
2
@
V
3
.
3A
5
.
5
@
V
2
1A
5
.
0
@
2
1
-A
0
.
3A
5
3
DC INPUT
3U x 8 HP
EXECUTIVE MEMBER
INPUT FAULT
CPQ400 (shown with optional interface board)
CPCI200
CPCI SERIES 200 Watts, Ac Input with PFC
DPCI SERIES 200 Watts, 48 Vdc Input


Similar Part No. - DPCI-204-1203M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-204-1203M SLPOWER-DPCI-204-1203M Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204-1203M SLPOWER-DPCI-204-1203M Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204-1203M SLPOWER-DPCI-204-1203M Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204-1203M SLPOWER-DPCI-204-1203M Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204-1203M SLPOWER-DPCI-204-1203M Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - DPCI-204-1203M

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-150_DD SLPOWER-DPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204_DD SLPOWER-DPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-350_DD SLPOWER-DPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-350_DD SLPOWER-CPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
logo
Amphenol Corporation
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
logo
Power-One
PCU5 POWER-ONE-PCU5 Datasheet
40Kb / 2P
   Controllers are used in PPS5 and PPS7 Power Systems.
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com