Electronic Components Datasheet Search |
|
DPCI-204-1203 Datasheet(PDF) 3 Page - SL Power Electronics |
|
DPCI-204-1203 Datasheet(HTML) 3 Page - SL Power Electronics |
3 / 6 page Condor D.C. Power Supplies, Inc. • 2311 Statham Parkway, Oxnard, CA 93033 800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com CompactPCI® SYSTEM POWER SUPPLIES OUTPUT LINE & LOAD REGULATION: ± 2% over input range and 0 to 100% load change. RIPPLE & NOISE 1% p-p or 50 mV, whichever is greater. Measured at mating connector with 20 µF REMOTE SENSE Open sense lead protection TEMPERATURE COEFFICIENT (Outputs #1 and 2): 0.03% per degree centigrade STABILITY 0.1% over 8 hours after 30 minutes warm-up. TRANSIENT RESPONSE (Outputs #1 and 2): Output voltage returns to within 1% in less than 1 ms for a 50% load change. Peak transient does not exceed 5%. OVERVOLTAGE PROTECTION (Outputs #1 and #2): Protects load against power supply induced overvoltage. Trip-point is factory set so that output voltage cannot exceed 136% of nominal. Input power must be recycled to reset. OVERLOAD PROTECTION All outputs are protected against overload and short circuit, Automatic recovery upon removal of fault. DEG# SIGNAL : TTL compatible signal. Signal goes low 20ºC before an overtemperature shutdown. FAIL LED : Amber LED illuminates upon a failure condition as per the CPCI and DPCI series specifications. STATUS LED : Green LED illuminates with no presence of any failure condition. REMOTE ENABLE Contact closure to common turns on dc outputs. Recessed pin for “make last, break first” connection. REMOTE INHIBIT Contact closure to the negative sense line or a TTL level “0” turns off dc outputs. REDUNDANCY Built-in ORing diodes, slope program current sharing on all outputs, and self aligning connector provide hot swap and N+1 capabilities. Current sharing remains within 10% of the unit’s full output rating while units are in thermal equilibrium. REVERSE VOLTAGE Protected against reverse voltage up to supply current rating. except for reverse voltage on output #4 on CPCI-200. ENVIRONMENTAL COOLING 15 cfm, 400 lfm airflow required for cooling. OUTPUT ISOLATION Isolated from ground 50 Vdc (leakage current <20 µA) THERMAL PROTECTION Shuts down power supply if overheated. Automatic recovery. TEMPERATURE RANGE 0 to 40º centigrade at full ratings; derate 2.5% per degree centigrade from 40º to 70º centigrade. Unit will start up at -20º centigrade. MISCELLANEOUS SAFETY AGENCY APPROVALS Models are approved to UL1950; CSA 22.2 #234; IEC 950 and TUV EN60950, Class 1 SELV., CE 72/23/EEC/93/68EEC (low voltage directive). GUARANTEED FOR 2 YEARS Two year guarantee includes labor and parts. Guarantee applies to operation at full published specifications at the end of 2 years. OPTIONS LOW LEAKAGE (CPCI Models only) “L” option: Leakage current less than 0.5 mA per unit. Will require additional filtering for compliance to EMI specifica- tions. MECHANICAL DIMENSIONS CPCI-154, CPCI-204, DPCI-154 & DPCI-204 Models: 3U H x 8HP W, 160 mm board depth (see outline drawing). Utilizes a 47 pin modular connector in accordance with PICMG ® Power Interface Specification 2.11. CPCI-154M, CPCI-204M, DPCI-154M & DPCI-204M Models: 3U H x 8HP W, 160 mm board depth (see outline drawing). Utilizes a DIN “M” connector as referenced in the PICMG ® Power Interface Specification 2.11. CPCI-354, DPCI-354 Models: 6U H x 8HP W, 160 mm board depth (see outline drawing). Utilizes a 38 pin modular connector as referenced in the PICMG ® Power Interface Specification 2.11. CPCI-354T, DPCI-354T Models: 6U H x 8HP W, 160 mm board depth (see outline drawing). Utilizes a 47 pin modular connector in accordance with PICMG ® Power Interface Specification 2.11. GENERAL SPECIFICATIONS |
Similar Part No. - DPCI-204-1203 |
|
Similar Description - DPCI-204-1203 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |