Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D57-141429-N000G Datasheet(PDF) 1 Page - SL Power Electronics

Part # D57-141429-N000G
Description  D57 Desktop (IEC) Unregulated 20 Watts Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

D57-141429-N000G Datasheet(HTML) 1 Page - SL Power Electronics

  D57-141429-N000G Datasheet HTML 1Page - SL Power Electronics D57-141429-N000G Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D57 Desktop (IEC) Unregulated 20 Watts Series
Features
230 VAC Input
Desktop Style
Rated for Continuous Duty
Filtered
Unregulated Outputs up to 20 Watts
Safety Agency Approved/CE Compliant
Impact Resistant Polycarbonate Enclosure
Private Label Marking Available
1 Year Warranty
Modified and Custom Designs Also Available
Manufactured in China
Ault Model
Rated Output
Volts DC
Output
Current-Amps
Maximum
Watts
D57-102000-N000G
D57-111818-N000G
D57-121667-N000G
D57-141429-N000G
D57-151333-N000G
D57-181111-N000G
D57-201000-N000G
D57-210952-N000G
D57-220909-N000G
D57-240833-N000G
10
11
12
14
15
18
20
21
22
24
2.00
1.82
1.67
1.43
1.33
1.11
1.00
0.95
0.91
0.83
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
Input
Voltage
230 VAC
Line Frequency
50 Hz
Connector
In Case IEC 320 without
ground
Electrical
Topology
DC Unregulated Power
Supply
Dielectric Withstand
3000 VAC primary-secondary
Protection
Current, Thermal or Energy
Limiting
EMI
Complies with EMC
Directives
CE
CE Compliant
Safety Approvals
EN60950
ONE YEAR WARRANTY
Environmental
Operating Temperature
0
° to 40° C with no derating
Storage Temperature
-30
° to +85° C
Relative Humidity
Altitude
5% to 95% non-condensing
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case Dimensions
D57 - In Case IEC 320
3.5 L x 2.7 W x 2.1 H (in)
88 L x 68 W x 54 H (mm)
Case Material
Black 94 V1 Polycarbonate
Weight
24 ounces, 695 grams,
(excluding cord)
Cord and
Connector
6 ft., 2 Conductor, 20 AWG
Ault #3 Connector
Other Connectors Available


Similar Part No. - D57-141429-N000G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57-141429-A000G SLPOWER-D57-141429-A000G Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-141429-K000G SLPOWER-D57-141429-K000G Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
More results

Similar Description - D57-141429-N000G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D57_DD SLPOWER-D57_DD Datasheet
19Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
D57-K_DD SLPOWER-D57-K_DD Datasheet
20Kb / 2P
   D57 Euro Desktop Unregulated 20 Watts Series
F57_DD SLPOWER-F57_DD Datasheet
20Kb / 2P
   F57 UK Desktop Unregulated 20 Watts Series
logo
Tumbler Technologies + ...
TRA32 TRUMPOWER-TRA32 Datasheet
74Kb / 1P
   20-32 Watts Desktop Power Adapters
logo
Murata Power Solutions ...
PWR70 MURATA-PS-PWR70 Datasheet
122Kb / 2P
   3 WATTS UNREGULATED
logo
Tumbler Technologies + ...
TRA24 TRUMPOWER-TRA24 Datasheet
57Kb / 1P
   24 Watts Desktop Adapters
logo
Wall Industries,Inc.
DTA24-Y WALL-DTA24-Y Datasheet
141Kb / 2P
   20-24 Watts Single Output AC/DC Desktop Power Supply
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
   20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
logo
Qualtek Electronics Cor...
QADA-120 QUALTEK-QADA-120 Datasheet
757Kb / 2P
   120 Watts Single Output Desktop
QADA-90 QUALTEK-QADA-90 Datasheet
763Kb / 2P
   90 Watts Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com