Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADL-011008-001SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MADL-011008-001SMB
Description  Low Insertion Loss and Noise Figure
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADL-011008-001SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MADL-011008-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADL-011008-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADL-011008-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADL-011008-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PIN Diode Limiter
50 MHz - 4 GHz
Rev. V1
MADL-011008
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
Typical Performance Curves
Insertion Loss
Pin vs. Pout @ 2.85 GHz
Input Return loss
Output Return Loss
-30
-25
-20
-15
-10
2.70
2.75
2.80
2.85
2.90
2.95
3.00
+25°C
-40°C
+85°C
Frequency (GHz)
-30
-25
-20
-15
-10
2.70
2.75
2.80
2.85
2.90
2.95
3.00
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
20
0
5
10
15
20
25
30
+25°C
-40°C
+85°C
Input Power (dBm)
-0.4
-0.3
-0.2
-0.1
0.0
2.70
2.75
2.80
2.85
2.90
2.95
3.00
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MADL-011008-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADL-011008 MA-COM-MADL-011008 Datasheet
109Kb / 4P
   PIN Diode Limiter
MADL-011008 MA-COM-MADL-011008_15 Datasheet
109Kb / 4P
   PIN Diode Limiter
More results

Similar Description - MADL-011008-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010706 MA-COM-MAAL-010706 Datasheet
559Kb / 9P
   Low Noise Figure Excellent Input Return Loss
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com