Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCX-353-0512 Datasheet(PDF) 1 Page - SL Power Electronics

Part # DCX-353-0512
Description  250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DCX-353-0512 Datasheet(HTML) 1 Page - SL Power Electronics

  DCX-353-0512 Datasheet HTML 1Page - SL Power Electronics DCX-353-0512 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
DBX-273-0512
275
+5V @ 50A
+12V @ 8/12A pk
-12V @ 4A
DBX-274-1205
275
+5V @ 50A
+12V @ 8/12A pk
-12V @ 4A
5.2V @ 2 A
DBX-274-1224
275
+5V @ 50A
+12V @ 8/12A pk
-12V @ 4A
24V @ 1.5A
24/28 VDC INPUT – MULTIPLE OUTPUT
MODEL
PWR
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
DCT-253-0512
250
+5V @ 30A
+12V @ 5A
-12V @ 5A
DCT-353-0512
350
+5V @ 45A
+12V @ 6A
-12V @ 6A
DCX-353-0512
350
+5V @ 50A
+12V @ 8/12A pk
-12V @ 4A
DCX-354-1205
350
+5V @ 50A
+12V @ 8/12A pk
-12V @ 4A
5.2V @ 2A
48 VDC INPUT – MULTIPLE OUTPUT
These series are particularly suitable for
critical, “can’t fail”; mobile; or transportable
systems. All models share the same foot-
print and can include current sharing for
redundancy (consult factory for details).
Optional DC power fail, covers, and
fan/cover assemblies are available.
These series are form-fit compatible with
the 9” SC, MAX, MTC, and MPS Series
DCT-250
DBX-275
DCT-350
DCX-350
Featuring:
• Over 3 watts/in3 power density
• Meets international safety
requirements
• All outputs regulated ±1%
• High peak currents for motor
starting
• System air and self-cooling options
• Available in dual AC input range
STANDARD DBX SERIES
STANDARD DCT, DCX SERIES
Option F
Option C
250, 275, 350 WATTS
MULTIPLE OUTPUT
24/28 AND 48 VDC INPUT


Similar Part No. - DCX-353-0512

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX100NS DIODES-DCX100NS Datasheet
1Mb / 7P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30761 Rev. 4 - 2
DCX100NS DIODES-DCX100NS Datasheet
330Kb / 7P
   100mA DUAL PRE-BIASED TRANSISTORS
DCX100NS-7 DIODES-DCX100NS-7 Datasheet
1Mb / 7P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30761 Rev. 4 - 2
DCX100NS-7 DIODES-DCX100NS-7 Datasheet
330Kb / 7P
   100mA DUAL PRE-BIASED TRANSISTORS
DCX100NS DIODES-DCX100NS_1 Datasheet
330Kb / 7P
   100mA DUAL PRE-BIASED TRANSISTORS
More results

Similar Description - DCX-353-0512

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TMX-350 SLPOWER-TMX-350 Datasheet
91Kb / 2P
   350 WATTS MULTIPLE OUTPUT 48 VDC INPUT, HOT SWAP
MAX-250 SLPOWER-MAX-250 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
MSC-350 SLPOWER-MSC-350 Datasheet
96Kb / 2P
   250, 350 WATTS MULTIPLE OUTPUT
DMX-500 SLPOWER-DMX-500 Datasheet
145Kb / 2P
   500 WATTS MULTIPLE OUTPUT 48 VDC INPUT, FORCED CURRENT SHARING
MPS-350 SLPOWER-MPS-350 Datasheet
80Kb / 2P
   350 WATTS MULTIPLE OUTPUT, SLOPE PROGRAM CURRENT SHARING
RMX-350 SLPOWER-RMX-350 Datasheet
201Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, HOT SWAP
logo
XP Power Limited
EMH250PS12 XPPOWER-EMH250PS12 Datasheet
1Mb / 9P
   250/350 Watts EMH Series
logo
Bel Fuse Inc.
MBC1200 BEL-MBC1200 Datasheet
1Mb / 14P
   Single 24 VDC / 48 VDC output voltages available
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
logo
SL Power Electronics
NMX-350 SLPOWER-NMX-350 Datasheet
104Kb / 2P
   350 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT, FORCED CURRENT SHARING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com