Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMOA8100CGA-XX02-5003 Datasheet(PDF) 4 Page - Emcore Corporation

Part # NMOA8100CGA-XX02-5003
Description  Erbium Doped Fiber Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

NMOA8100CGA-XX02-5003 Datasheet(HTML) 4 Page - Emcore Corporation

  NMOA8100CGA-XX02-5003 Datasheet HTML 1Page - Emcore Corporation NMOA8100CGA-XX02-5003 Datasheet HTML 2Page - Emcore Corporation NMOA8100CGA-XX02-5003 Datasheet HTML 3Page - Emcore Corporation NMOA8100CGA-XX02-5003 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
European Union “RoHS Directive” Compliance
Except for the exemption claimed herein for lead used in solder for network infrastructure equipment, all homogenous materials
contained in the product contain less than the maximum concentration levels for lead, mercury, cadmium, hexavalent chromium,
polybrominated biphenyls and polybrominated biphenyl ethers permitted under the European Union Directive 2002/95/EC (the
"RoHS Directive").
Model Number Information
NMOA8100
□□□□□□□0□□
Custom Option
Output Power per
Port
Number of
Output Ports
Optics
Output
Location
Power Supply
BLANK –Constant
Output Power Amplifier
GFF – Gain Flattened
Filter
CGA – Constant Gain
Amplifier
xx – xxdBm/port
(Maximum: xx = 27dBm
for 1 port)
01 – 1 port
02 – 2 ports
04 – 4 ports
08 – 8 ports
1 – SC/APC
2 – FC/APC
4 – SC/UPC
5 – FC/UPC
0 – Front
1 – Rear
1 – AC primary
2 – DC primary
3 – AC primary, AC
secondary
4 – AC primary, DC
secondary
5 – DC primary, DC
secondary
Note 1: Not all configurations are available; please contact your EMCORE Sales Representative.
e.g. NMOA8100-1401-1005 (14 dBm per port, 1 port, SC/APC, Front Fiber, Dual DC)
e.g. NMOA8100-1708-1003 (17 dBm per port, 8 ports, SC/APC, Front Fiber, Dual AC)
Laser Safety Information
FDA/CDRH Class 1M and IEC® 60825 Class 1M laser product.
All versions are Class 1M laser products per IEC 60825-1:2007 EN 60825-1:2007
Maximum Output: 30 mW, Wavelength: 1550 nm
Caution: Use of controls, adjustment and procedures other than those specified herein may result in hazardous laser radiation
exposure.
NMOA8100 Series Erbium Doped Fiber Amplifier


Similar Part No. - NMOA8100CGA-XX02-5003

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100-XX01-1001 EMCORE-NMOA8100-XX01-1001 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100-XX01-1002 EMCORE-NMOA8100-XX01-1002 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100-XX01-1003 EMCORE-NMOA8100-XX01-1003 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100-XX01-1004 EMCORE-NMOA8100-XX01-1004 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
More results

Similar Description - NMOA8100CGA-XX02-5003

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com