Electronic Components Datasheet Search |
|
6000-OS3-5232 Datasheet(PDF) 2 Page - Emcore Corporation |
|
6000-OS3-5232 Datasheet(HTML) 2 Page - Emcore Corporation |
2 / 2 page DATASHEET | OCTOBER 2012 FIBER OPTICS | REV 2012.10 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. General and Mechanical Specifications Property Requirement Comments Switching Threshold 20 dB range – see ordering info Settable within range Switching Mode Auto, Manual, remote Optical Connector SC/APC Other styles available Monitoring Interfaces 100 Base-T Ethernet Rear Panel RS-232 interface LED Indicators SNMP v1 Reserved for Factory Use Power, Main, Backup, and Output Indicators Operating Temperature 0 C to 50C Storage Temperature -25 C to 65C Agency Listings FCC: Subpart B. Part 15, class “A” Unintentional Radiators Power Consumption 5W Maximum Supply Range (VDC) (VAC) 85 to 240 VAC, 50/60 Hz 36 - 72 VDC Dimensions 430x300x44mm Model Number Information (note 1) 6000 – 0S □ - □ □ □ □ Operating Wavelenghth Optics Power Supply Switching Threshold range EMCORE Logo 3 – 1310nm 1 – SC/APC 1 – AC 1 – [-30, -10] dBm 0 – No 5 – 1550nm 2 – FC/APC 2 – DC 2 – [-20, 0] dBm 2 – Yes 3 – SC/UPC 3 – [-10, 10] dBm 4 – FC/UPC 4 – [0, 20] dBm 5 – LC/UPC 6- LC/APC Note 1: Not all configurations are available - contact factory. Example: 6000-0S5-1232 1550nm, SC/APC connectors, DC power supply, -10 to + 10 dBm input range, EMCORE Logo. EOS-6000 Optical A/B Switch |
Similar Part No. - 6000-OS3-5232 |
|
Similar Description - 6000-OS3-5232 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |