Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPCI-154-1203 Datasheet(PDF) 4 Page - SL Power Electronics

Part # DPCI-154-1203
Description  The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DPCI-154-1203 Datasheet(HTML) 4 Page - SL Power Electronics

  DPCI-154-1203 Datasheet HTML 1Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 2Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 3Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 4Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 5Page - SL Power Electronics DPCI-154-1203 Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Condor D.C. Power Supplies, Inc. • 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
CompactPCI® SYSTEM POWER SUPPLIES
Pin No.
Designation
Pin No.
Designation
1
+5 V
20
Not Used
2
+5 V
21
-12 V
3
+5 V
22*
GND
4
+5 V
23
GND
5
GND
24
+5 V Sense
6
GND
25*
Enable
7
GND
26
Sense Return
8
GND
27
+3.3 V Sense
9
GND
28*
Not Used
10
GND
29
DEG#
11
GND
30
+12 V Sense
12
GND
31
Inhibit
13
+3.3 V
32
Not Used
14
+3.3 V
33
Not Used
15
+3.3 V
34
Not Used
16
+3.3 V
35
Fail #
17
GND
36**
Safety Ground
18
+12 V
37
Ac Neutral
19
Not Used
38
Ac Line
Pin No.
Designation
Pin No.
Designation
1
+5 V
20
Not Used
2
+5 V
21
-12 V
3
+5 V
22*
GND
4
+5 V
23
GND
5
GND
24
+5 V Sense
6
GND
25*
Enable
7
GND
26
Sense Return
8
GND
27
+3.3 V Sense
9
GND
28*
Not Used
10
GND
29
DEG#
11
GND
30
+12 V Sense
12
GND
31
Inhibit
13
+3.3 V
32
Not Used
14
+3.3 V
33
Not Used
15
+3.3 V
34
Not Used
16
+3.3 V
35
Fail #
17
GND
36**
Safety Ground
18
+12 V
37
-48 Vdc Input Return
19
Not Used
38
-48 Vdc Input
Pin No.
Designation
Pin No.
Designation
1
+5 V
25
Not Used
2
+5 V
26
Not Used
3
+5 V
27*
Enable
4
+5 V
28
Not Used
5
GND
29
Not Used
6
GND
30
+5 V Sense
7
GND
31
Not Used
8
GND
32
Not Used
9
GND
33
+3.3 V Sense
10
GND
34
Sense Return
11
GND
35
Not Used
12
GND
36
+12 V Sense
13
+3.3 V
37
Not Used
14
+3.3 V
38
DEG#
15
+3.3 V
39
Inhibit
16
+3.3 V
40
Not Used
17
+3.3 V
41
Not Used
18
+3.3 V
42
Fail #
19
GND
43
Not Used
20
+12 V
44
Not Used
21
-12 V
45**
Safety Ground
22
GND
46
Ac Neutral
23
Not Used
47
Ac Line
24
GND
Pin No.
Designation
Pin No.
Designation
1
+5 V
25
Not Used
2
+5 V
26
Not Used
3
+5 V
27*
Enable
4
+5 V
28
Not Used
5
GND
29
Not Used
6
GND
30
+5 V Sense
7
GND
31
Not Used
8
GND
32
Not Used
9
GND
33
+3.3 V Sense
10
GND
34
Sense Return
11
GND
35
Not Used
12
GND
36
+12 V Sense
13
+3.3 V
37
Not Used
14
+3.3 V
38
DEG#
15
+3.3 V
39
Inhibit
16
+3.3 V
40
Not Used
17
+3.3 V
41
Not Used
18
+3.3 V
42
Fail #
19
GND
43
Not Used
20
+12 V Output
44
Not Used
21
-12 V Output
45**
Safety Ground
22
GND
46
-48 Vdc Input Return
23
Not Used
47
-48 Vdc Input
24
GND
POWER SUPPLY PIN ASSIGNMENTS
Model: CPCI-354-1203
Connector: Positronics PCI38M400A1
Mating Connector: PCI38F300A1
Model: DPCI-354-1203
Connector: Positronics PCI38M400A1
Mating Connector: PCI38F300A1
Model: CPCI-354T-1203
CPCI-154-1203
CPCI-204-1203
Connector: Positronics PCI47M400A1
Mating Connector: PCI47F300A1
Model: DPCI-354T-1203
DPCI-154-1203
DPCI-204-1203
Connector: Positronics PCI47M400A1
Mating Connector: PCI47F300A1
* Pins 22,25, and 28 are last mate, first break pins.
** Pin 36 is a first mate, last break pin.
*
Pins 22, 25, and 28 are last mate, first break pins.
** Pins 36 is a first mate, last break pin.
* Pin 27 is a last mate, first break pin.
** Pin 45 is a first mate, last break pin.
* Pin 27 is a last mate, first break pin.
** Pin 45 is a first mate, last break pin.
Pin No.
Designation
Pin No.
Designation
A13
Not Used
B17
+3.3 V
A14
Inhibit
B18
+3.3 V
A15
Not Used
B19
+12 V Output
A16
Sense Return
B20
-12 V Output
A17
+5 V Sense
B22
+5 V
A18
+3.3 V Sense
B25
GND
A19
+12 V Output
B28
Not Used
A20
-12 V Output
B31
Not Used
B2
Ac Line
C13
Enable
B5
Ac Neutral
C14
DEG#
B8
Not Used
C15
Fail #
B11
Chassis Ground
C16
+3.3 V
B13
+3.3 V
C17
+3.3 V
B14
+3.3 V
C18
+3.3 V
B15
+3.3 V
C19
+12 V Ouput
B16
+3.3 V
C20
-12 V Ouput
Pin No.
Designation
Pin No.
Designation
A13
Not Used
B17
+3.3 V
A14
Inhibit
B18
+3.3 V
A15
Not Used
B19
+12 V Output
A16
Sense Return
B20
-12 V Output
A17
+5 V Sense
B22
+5 V
A18
+3.3 V Sense
B25
GND
A19
+12 V Output
B28
-48 Vdc Input Return
A20
-12 V Output
B31
-48 Vdc Input
B2
Not Used
C13
Enable
B5
Not Used
C14
DEG#
B8
Not Used
C15
Fail #
B11
Chassis Ground
C16
+3.3 V
B13
+3.3 V
C17
+3.3 V
B14
+3.3 V
C18
+3.3 V
B15
+3.3 V
C19
+12 V Output
B16
+3.3 V
C20
-12 V Output
Model: CPCI-154-1203M
CPCI-204-1203M
Male Connector: DIN 41612 Type “M”
Mating Connector: ERNI #914374 or AMP#148370
Model: DPCI-154-1203M
DPCI-204-1203M
Male Connector: DIN 41612 Type “M”
Mating Connector: ERNI #914374 or AMP#148370


Similar Part No. - DPCI-154-1203

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-154-1203 SLPOWER-DPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-154-1203 SLPOWER-DPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-154-1203 SLPOWER-DPCI-154-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-154-1203M SLPOWER-DPCI-154-1203M Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-154-1203M SLPOWER-DPCI-154-1203M Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - DPCI-154-1203

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204_DD SLPOWER-DPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-350_DD SLPOWER-DPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-350_DD SLPOWER-CPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-204_DD SLPOWER-CPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
logo
Amphenol Corporation
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
logo
Power-One
PCU5 POWER-ONE-PCU5 Datasheet
40Kb / 2P
   Controllers are used in PPS5 and PPS7 Power Systems.
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com