Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6000-0HB3-22001 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 6000-0HB3-22001
Description  1550 nm Externally Modulated Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0HB3-22001 Datasheet(HTML) 5 Page - Emcore Corporation

  6000-0HB3-22001 Datasheet HTML 1Page - Emcore Corporation 6000-0HB3-22001 Datasheet HTML 2Page - Emcore Corporation 6000-0HB3-22001 Datasheet HTML 3Page - Emcore Corporation 6000-0HB3-22001 Datasheet HTML 4Page - Emcore Corporation 6000-0HB3-22001 Datasheet HTML 5Page - Emcore Corporation 6000-0HB3-22001 Datasheet HTML 6Page - Emcore Corporation 6000-0HB3-22001 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
General and Mechanical Specifications (continued)
Property
Requirement
Comments
Front Panel RF Gain / OMI
Adjustment Range
+2 / -4 dB from nominal setting
CATV Performance can vary slightly
CATV Frequency Range
45MHz – 1003 MHz
CATV Flatness
+/- 0.50 dB
45MHz - 550MHz
+/- 0.75 dB
45MHz – 1003 MHz
CATV Flatness – N-Type
+/- 0.75 dB
45MHz – 1003 MHz N-Type
CATV Input impedance
75
CATV Input Return Loss
16dB min
45MHz – 1003 MHz
CATV Front Panel RF Tap
-20 +/- 1 dB down from RF input
CATV Front Panel RF Tap Flatness
+/- 1 dB
45MHz – 1003 MHz
SAT-IF Frequency Range
950MHz – 2800 MHz
SAT-IF Flatness
+/- 2 dB
SAT-IF Input impedance
75
SAT-IF Input Return Loss
10dB min
950MHz – 2800 MHz
SAT-IF Front Panel RF Tap
7 +/- 2.5 dBmV/Ch at 1% OMI/ch
SAT-IF Front Panel RF Tap Flatness
+/- 1 dB
950MHz – 2800 MHz
Test/Link Configuration
Property
EDFA
Link
1
Received Power
2
L-Type
15 dBm
25 Km
0.0 dBm at the receiver
D-Type
None
40 Km
0.0 dBm at the receiver
S-Type
16 dBm
65 Km
0.0 dBm at the receiver
H-Type
18 dBm
80 Km
0.0 dBm at the receiver
F-Type
21 dBm
20 Km
-5.5 dBm at the receiver
N-Type
13 dBm
40 Km
0.0 dBm at the receiver
Medallion 6000 Series 1550 nm
Externally Modulated Transmitter


Similar Part No. - 6000-0HB3-22001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0D01-11001 EMCORE-6000-0D01-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0D02-11001 EMCORE-6000-0D02-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0D03-11001 EMCORE-6000-0D03-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-0HB3-22001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
   1550 nm Externally Modulated Transmitter
3998 EMCORE-3998 Datasheet
580Kb / 7P
   1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
   3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
SITU3000 EMCORE-SITU3000 Datasheet
541Kb / 6P
   Externally Modulated Transmitter
SITU3040 EMCORE-SITU3040 Datasheet
517Kb / 6P
   Externally Modulated Transmitter
J-TYPE EMCORE-J-TYPE Datasheet
454Kb / 5P
   Externally-Modulated Transmitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com