Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1935R-A-DI-A-1291-SA-06-B Datasheet(PDF) 5 Page - Emcore Corporation

Part # 1935R-A-DI-A-1291-SA-06-B
Description  Coaxial DFB Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1935R-A-DI-A-1291-SA-06-B Datasheet(HTML) 5 Page - Emcore Corporation

  1935R-A-DI-A-1291-SA-06-B Datasheet HTML 1Page - Emcore Corporation 1935R-A-DI-A-1291-SA-06-B Datasheet HTML 2Page - Emcore Corporation 1935R-A-DI-A-1291-SA-06-B Datasheet HTML 3Page - Emcore Corporation 1935R-A-DI-A-1291-SA-06-B Datasheet HTML 4Page - Emcore Corporation 1935R-A-DI-A-1291-SA-06-B Datasheet HTML 5Page - Emcore Corporation 1935R-A-DI-A-1291-SA-06-B Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Reliability/Quality
Designed to meet qualification requirements of Telcordia
TM (Bellcore) GR-468-CORE.
Schematic and Pinout
Schematic and Pinout A
Pin Definitions for Pinout A
Laser Safety
This product meets the appropriate standard in Title 21 of the Code of Federal Regulations (CFR). FDA/CDRH Class 1 laser
product. This device has been classified with the FDA/CDRH under accession number 0220191.
All version of this laser are Class 1 laser product, tested according to IEC 60825-1:2007/EN 60825-1:2007
Single-mode fiber pigtail with SC/APC connectors (standard).
Wavelength = 1.3
m.
Maximum power = 50 mW.
Because of size constraints, laser safety labeling (including an FDA class 1 label) is not affixed to the module, but attached
to the outside of the shipping carton. Product is not shipped with power supply.
Caution: Use of controls, adjustments and procedures other than those specified herein may result in hazardous
laser radiation exposure.
Pin
Description
1
LD Anode, Case Ground
2
LD Cathode
3
PD Cathode
4
PD Anode
1935 F/R/W Coaxial DFB Laser Diode
O-Band CWDM 5 MHz – 4000 MHz
1
2
3
4
PD
LD
Pinout A
1
2
3
4
PD
LD
Pinout A
Bottom View


Similar Part No. - 1935R-A-DI-A-1291-SA-06-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1935 ETC2-1935 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Alpha Wire
1935/3 ALPHAWIRE-1935/3 Datasheet
98Kb / 4P
   Customer Specification
12/12/2022
logo
List of Unclassifed Man...
19350 ETC2-19350 Datasheet
1Mb / 4P
   Calibration Unit for Testers Installation, Operation and Maintenance
logo
Belden Inc.
19350 BELDEN-19350 Datasheet
147Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19350-008250 BELDEN-19350-008250 Datasheet
147Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
More results

Similar Description - 1935R-A-DI-A-1291-SA-06-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
   1310 nm CATV Coaxial DFB Laser Diode
1935FRW EMCORE-1935FRW Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
1955FRW EMCORE-1955FRW Datasheet
505Kb / 6P
   1955 F/R/W Coaxial DFB Laser Diode
1933FRW EMCORE-1933FRW Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
logo
Roithner LaserTechnik G...
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
logo
California Eastern Labs
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com