Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPCI-350_DD Datasheet(PDF) 3 Page - SL Power Electronics

Part # DPCI-350_DD
Description  The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DPCI-350_DD Datasheet(HTML) 3 Page - SL Power Electronics

  DPCI-350_DD Datasheet HTML 1Page - SL Power Electronics DPCI-350_DD Datasheet HTML 2Page - SL Power Electronics DPCI-350_DD Datasheet HTML 3Page - SL Power Electronics DPCI-350_DD Datasheet HTML 4Page - SL Power Electronics DPCI-350_DD Datasheet HTML 5Page - SL Power Electronics DPCI-350_DD Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Condor D.C. Power Supplies, Inc. • 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
CompactPCI® SYSTEM POWER SUPPLIES
OUTPUT
LINE & LOAD REGULATION:
± 2% over input range and 0 to 100% load change.
RIPPLE & NOISE
1% p-p or 50 mV, whichever is greater.
Measured at mating connector with 20 µF
REMOTE SENSE
Open sense lead protection
TEMPERATURE COEFFICIENT
(Outputs #1 and 2): 0.03% per degree centigrade
STABILITY
0.1% over 8 hours after 30 minutes warm-up.
TRANSIENT RESPONSE
(Outputs #1 and 2): Output voltage returns to within 1%
in less than 1 ms for a 50% load change. Peak transient
does not exceed 5%.
OVERVOLTAGE PROTECTION
(Outputs #1 and #2): Protects load against power supply
induced overvoltage. Trip-point is factory set so that
output voltage cannot exceed 136% of nominal. Input
power must be recycled to reset.
OVERLOAD PROTECTION
All outputs are protected against overload and short
circuit, Automatic recovery upon removal of fault.
DEG# SIGNAL :
TTL compatible signal. Signal goes low 20ºC before an
overtemperature shutdown.
FAIL LED :
Amber LED illuminates upon a failure condition as per
the CPCI and DPCI series specifications.
STATUS LED :
Green LED illuminates with no presence of any
failure condition.
REMOTE ENABLE
Contact closure to common turns on dc outputs.
Recessed pin for “make last, break first” connection.
REMOTE INHIBIT
Contact closure to the negative sense line or a TTL
level “0” turns off dc outputs.
REDUNDANCY
Built-in ORing diodes, slope program current sharing on
all outputs, and self aligning connector provide hot swap
and N+1 capabilities. Current sharing remains within
10% of the unit’s full output rating while units are in
thermal equilibrium.
REVERSE VOLTAGE
Protected against reverse voltage up to supply
current rating. except for reverse voltage on output #4
on CPCI-200.
ENVIRONMENTAL
COOLING
15 cfm, 400 lfm airflow required for cooling.
OUTPUT ISOLATION
Isolated from ground 50 Vdc (leakage current <20 µA)
THERMAL PROTECTION
Shuts down power supply if overheated.
Automatic recovery.
TEMPERATURE RANGE
0 to 40º centigrade at full ratings; derate 2.5%
per degree centigrade from 40º to 70º centigrade.
Unit will start up at -20º centigrade.
MISCELLANEOUS
SAFETY AGENCY APPROVALS
Models are approved to UL1950; CSA 22.2 #234;
IEC 950 and TUV EN60950, Class 1 SELV.,
CE 72/23/EEC/93/68EEC (low voltage directive).
GUARANTEED FOR 2 YEARS
Two year guarantee includes labor and parts.
Guarantee applies to operation at full published
specifications at the end of 2 years.
OPTIONS
LOW LEAKAGE
(CPCI Models only)
“L” option: Leakage current less than 0.5 mA per unit. Will
require additional filtering for compliance to EMI specifica-
tions.
MECHANICAL DIMENSIONS
CPCI-154, CPCI-204, DPCI-154 & DPCI-204 Models:
3U H x 8HP W, 160 mm board depth (see outline drawing).
Utilizes a 47 pin modular connector in accordance with
PICMG
® Power Interface Specification 2.11.
CPCI-154M, CPCI-204M, DPCI-154M &
DPCI-204M Models:
3U H x 8HP W, 160 mm board depth (see outline drawing).
Utilizes a DIN “M” connector as referenced in the PICMG
®
Power Interface Specification 2.11.
CPCI-354, DPCI-354 Models:
6U H x 8HP W, 160 mm board depth (see outline drawing).
Utilizes a 38 pin modular connector as referenced in the
PICMG
® Power Interface Specification 2.11.
CPCI-354T, DPCI-354T Models:
6U H x 8HP W, 160 mm board depth (see outline drawing).
Utilizes a 47 pin modular connector in accordance with
PICMG
® Power Interface Specification 2.11.
GENERAL SPECIFICATIONS


Similar Part No. - DPCI-350_DD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-354-1203 SLPOWER-DPCI-354-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-354-1203 SLPOWER-DPCI-354-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-354-1203 SLPOWER-DPCI-354-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-354T-1203 SLPOWER-DPCI-354T-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-354T-1203 SLPOWER-DPCI-354T-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - DPCI-350_DD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-150_DD SLPOWER-DPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-150_DD SLPOWER-CPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204_DD SLPOWER-DPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-350_DD SLPOWER-CPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-204_DD SLPOWER-CPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
logo
Amphenol Corporation
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
logo
Power-One
PCU5 POWER-ONE-PCU5 Datasheet
40Kb / 2P
   Controllers are used in PPS5 and PPS7 Power Systems.
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com