Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CINT3110 Datasheet(PDF) 7 Page - SL Power Electronics

Part # CINT3110
Description  The CINT3110 Series are industrial grade, high efficiency, triple output power supplies in a small 2??x 4??size.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT3110 Datasheet(HTML) 7 Page - SL Power Electronics

Back Button CINT3110 Datasheet HTML 2Page - SL Power Electronics CINT3110 Datasheet HTML 3Page - SL Power Electronics CINT3110 Datasheet HTML 4Page - SL Power Electronics CINT3110 Datasheet HTML 5Page - SL Power Electronics CINT3110 Datasheet HTML 6Page - SL Power Electronics CINT3110 Datasheet HTML 7Page - SL Power Electronics CINT3110 Datasheet HTML 8Page - SL Power Electronics CINT3110 Datasheet HTML 9Page - SL Power Electronics CINT3110 Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CINT3110
110W Triple Output
Industrial Series
www.slpower.com
CINT3110 REV 1.1, 26-NOV-12
7
Output Transient Response V3
50% load step within the regulation limits of minimum and maximum load, di/dt<0.2A/μSec. Recovery time not specified as there is no laps in regulation
with a 50% Load Step. Maximum voltage deviation is 3%.
Output Overload Characteristic V1
Supply shall protect itself against Overload conditions. The Power Supply shall recover from Overload Conditions without operator intervention.
Output Overload Characteristic V2


Similar Part No. - CINT3110

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110A0508K01 SLPOWER-CINT3110A0508K01 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
CINT3110A1708K01 SLPOWER-CINT3110A1708K01 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
CINT3110A1908K01 SLPOWER-CINT3110A1908K01 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
More results

Similar Description - CINT3110

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT3110 SLPOWER-CINT3110_14 Datasheet
4Mb / 10P
   industrial grade, high efficiency, triple output power supplies
MINT1150 SLPOWER-MINT1150 Datasheet
613Kb / 8P
   The MINT1150 family is a high power density for a power supply in a 2??x 4??size.
logo
Vicor Corporation
19-130040 VICOR-19-130040 Datasheet
151Kb / 1P
   ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
19-130042 VICOR-19-130042 Datasheet
176Kb / 1P
   ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150_16 Datasheet
508Kb / 4P
   150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
logo
B&K Precision Corporati...
1670A BK-1670A Datasheet
427Kb / 1P
   Triple Output DC Power Supplies
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150 Datasheet
502Kb / 4P
   150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
logo
B&K Precision Corporati...
1651A BK-1651A Datasheet
830Kb / 1P
   Triple Output DC Power Supplies
1760A BK-1760A Datasheet
521Kb / 1P
   Triple Output DC Power Supplies
1672 BK-1672 Datasheet
1Mb / 3P
   Triple Output DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com