Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200FZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP200FZ
Description  Dual Low Offset, Low Power Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200FZ Datasheet(HTML) 3 Page - Analog Devices

  OP200FZ Datasheet HTML 1Page - Analog Devices OP200FZ Datasheet HTML 2Page - Analog Devices OP200FZ Datasheet HTML 3Page - Analog Devices OP200FZ Datasheet HTML 4Page - Analog Devices OP200FZ Datasheet HTML 5Page - Analog Devices OP200FZ Datasheet HTML 6Page - Analog Devices OP200FZ Datasheet HTML 7Page - Analog Devices OP200FZ Datasheet HTML 8Page - Analog Devices OP200FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. A
–3–
OP200
ELECTRICAL CHARACTERISTICS (VS = 15 V, –55 C £ TA£ +125 C for OP200A, unless otherwise noted.)
OP200A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
45
125
mV
Average Input Offset Voltage Drift
TCVOS
0.2
0.5
mV/∞C
Input Offset Current
IOS
VCM = 0 V
0.15
2.5
nA
Input Bias Current
IB
VCM = 0 V
0.9
5.0
nA
Large Signal Voltage Gain
AVO
VO = 10 V
RL = 10
W
3000
9000
V/mV
RL = 2 k
W
1000
2700
V/mV
Input Voltage Range
*
IVR
±12
±12.5
V
Common-Mode Rejection
CMR
VCM =
±12 V
115
130
dB
Power Supply Rejection Ratio
PSRR
VS = +3 V to +18 V
0.2
3.2
mV/V
Output Voltage Swing
VO
RL = 10 k
W±12
±12.4
V
RL = 2 k
W±11
±12
V
Supply Current Per Amplifier
ISY
No Load
600
775
mA
Capacitive Load Stability
AV = +1
8
nF
NOTE
*Guaranteed by CMR test.
ELECTRICAL CHARACTERISTICS
OP200A/E
OP200F
OP200G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Voltage Range
3
IVR
±12
±13
±12 ±13
±12 ±13
V
Common-Mode
Rejection
CMR
VCM =
±12 V
120
135
115
135
110
130
dB
Power Supply
VS =
±3 V
Rejection Ratio
PSRR
to
±18 V
0.4
1.8
0.4
3.2
0.6
5.6
mV/V
Output Voltage
VO
RL= 10 k
W±12
±12.6
±12 ±12.6
±12 ±12.6
V
Swing
RL = 2 k
W±11
±12.2
±11 ±12.2
±11 ±12.2
V
Supply Current
Per Amplifier
ISY
No Load
570
725
570
725
570
725
mA
Slew Rate
SR
0.1
0.15
0.1
0.15
0.1
0.15
V/
mS
Gain Bandwidth
Product
GBWP
AV = 1
500
500
500
kHz
Channel Separation
2
VO = 20 Vp-p
CS
fO = 10 Hz
123
145
123
145
123
145
dB
Input Capacitance
CIN
3.2
3.2
3.2
pF
Capacitive Load
AV = 1
Stability
No Oscillations
10
10
10
nF
NOTES
1Sample tested
2Guaranteed but not 100% tested
3Guaranteed by CMR test
(VS =
15 V, TA = 25 C, unless otherwise noted.)


Similar Part No. - OP200FZ

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP200 OPTEK-OP200 Datasheet
245Kb / 3P
   Infrared Light Emitting Diode
logo
Analog Devices
OP200 AD-OP200 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200 AD-OP200 Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
More results

Similar Description - OP200FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_17 Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com