Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFM600XXM65-F000 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DFM600XXM65-F000
Description  Fast Recovery Dual Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM600XXM65-F000 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DFM600XXM65-F000 Datasheet HTML 1Page - Dynex Semiconductor DFM600XXM65-F000 Datasheet HTML 2Page - Dynex Semiconductor DFM600XXM65-F000 Datasheet HTML 3Page - Dynex Semiconductor DFM600XXM65-F000 Datasheet HTML 4Page - Dynex Semiconductor DFM600XXM65-F000 Datasheet HTML 5Page - Dynex Semiconductor DFM600XXM65-F000 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DFM600XXM65-F000
5/6
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services.
All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
4 x M8
screwing depth
max. 16
130±0.5
57 ±0.25
57 ±0.25
16.5 ±0.2
61.2 ±0.3
7
36.5±0.2
6 x
7
Ø
external connection
external connection
7(C)
5(C)
6(A)
4(A)
Nominal Weight: 1100g
Module Outline Type Code:
X
Fig. 7 Module outline drawing


Similar Part No. - DFM600XXM65-F000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM600XXM65-F000 DYNEX-DFM600XXM65-F000_15 Datasheet
250Kb / 6P
   Fast Recovery Dual Diode Module
More results

Similar Description - DFM600XXM65-F000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200XXM65-F000 DYNEX-DFM200XXM65-F000_15 Datasheet
248Kb / 6P
   Fast Recovery Dual Diode Module
DFM400XXM65-F000 DYNEX-DFM400XXM65-F000 Datasheet
200Kb / 6P
   Fast Recovery Dual Diode Module
DFM200XXM65-F000 DYNEX-DFM200XXM65-F000 Datasheet
248Kb / 6P
   Fast Recovery Dual Diode Module
DFM500XXM65-TS000 DYNEX-DFM500XXM65-TS000 Datasheet
253Kb / 6P
   Fast Recovery Dual Diode Module
DFM600XXM65-F000 DYNEX-DFM600XXM65-F000_15 Datasheet
250Kb / 6P
   Fast Recovery Dual Diode Module
DFM400XXM65-F000 DYNEX-DFM400XXM65-F000_15 Datasheet
200Kb / 6P
   Fast Recovery Dual Diode Module
DFM500XXM65-TS000 DYNEX-DFM500XXM65-TS000_15 Datasheet
253Kb / 6P
   Fast Recovery Dual Diode Module
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com