Electronic Components Datasheet Search |
|
6000-0DC2-23001 Datasheet(PDF) 7 Page - Emcore Corporation |
|
6000-0DC2-23001 Datasheet(HTML) 7 Page - Emcore Corporation |
7 / 7 page DATASHEET | DECEMBER 2011 FIBER OPTICS | REV 2011.12 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Model Number Information (note 3) 6000 – □ □ □ □ - □ □ □ □ □ Logo & Customer Specific Link type Pout (dBm min) Note 1 Loading Type Optics RF Wavelength (nm) Power Supply 0 – EMCORE Logo D – 40 km 0 – for D, H, and F types 1 – NTSC (80- ch) 1 – SC/APC, Rear 1 – RF IN Rear, TP Front 00 –1555+/- 5.0nm 1 – AC primary, no secondary 1 – no Logo S – 65 km A – 7.0/7.0 for S- type 2 – PAL (60-ch) 2 – FC/APC, Rear 2 – RF IN Front, TP Front 01 – 1550+/- 5.0nm 2 – DC primary, no secondary H – 80 km B – 8.0/8.0 for S Type 3 – NTSC (110- ch) 3 – E2000/APC, Rear 3 – RF IN Front, TP Rear xx – ITU Channel +/- 0.1nm Note 2 3 – AC primary, AC secondary F – FTTx SBS 20 dBm C – 10.0 for S Type 4 – PAL (89-ch) 4 – SC/APC, Front 4 – RF IN Rear, TP Rear 4 – AC primary, DC secondary L – 25 km D – 10 / 10 for S and L Type Note 4 5 – Not Used 5 – FC/APC, Front 5 – DC primary, DC secondary N – 40 km E – 8.5/8.5 for L Type 6 – CENELEC (42-ch) Note 5 6 – E2000/APC, Front Note 1: Options available for Indicated Types only. Note 2: ITU grid wavelengths can be specified from channel 18 to 40. Note 3: Not all configurations are available, contact factory. Note 4: Available for S and L Links. CSO port 2 degraded by 1dB for Channel Loads 1 and 2, CSO port 2 degraded by 2dB for Channel Loads 3 and 4. Note 5: Contact Factory for Model type availability Additional Kits G3708-006-001 - Replaceable AC power supply modules G3708-005-001 - Replaceable DC power supply modules G7914-076-001 - Replaceable Blank power module plate G7906-008-001 - Replaceable fans Medallion 6000 Series 1550 nm Externally Modulated Transmitter |
Similar Part No. - 6000-0DC2-23001 |
|
Similar Description - 6000-0DC2-23001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |