Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG406BP25 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DG406BP25
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG406BP25 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DG406BP25 Datasheet HTML 1Page - Dynex Semiconductor DG406BP25 Datasheet HTML 2Page - Dynex Semiconductor DG406BP25 Datasheet HTML 3Page - Dynex Semiconductor DG406BP25 Datasheet HTML 4Page - Dynex Semiconductor DG406BP25 Datasheet HTML 5Page - Dynex Semiconductor DG406BP25 Datasheet HTML 6Page - Dynex Semiconductor DG406BP25 Datasheet HTML 7Page - Dynex Semiconductor DG406BP25 Datasheet HTML 8Page - Dynex Semiconductor DG406BP25 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DG406BP25
1/19
APPLICATIONS
I Variable speed A.C. motor drive inverters (VSD-AC).
I Uninterruptable Power Supplies
I High Voltage Converters.
I Choppers.
I Welding.
I Induction Heating.
I DC/DC Converters.
FEATURES
I Double Side Cooling.
I High Reliability In Service.
I High Voltage Capability.
I Fault Protection Without Fuses.
I High Surge Current Capability.
I Turn-off Capability Allows Reduction In Equipment
Size And Weight. Low Noise Emission Reduces Acoustic
Cladding Necessary For Environmental Requirements.
KEY PARAMETERS
I
TCM
1200A
V
DRM
2500V
I
T(AV)
500A
dV
D
/dt
1000V/
µs
di
T
/dt
300A/
µs
Outline type code: P.
See Package Details for further information.
VOLTAGE RATINGS
CURRENT RATINGS
Symbol
Parameter
Conditions
Max.
I
TCM
T
HS = 80
oC. Double side cooled. Half sine 50Hz.
V
D = VDRM, Tj = 125
oC, di
GQ/dt = 30A/µs, Cs = 1.5µF
RMS on-state current
A
A
A
1200
500
630
Units
Repetitive peak controllable on-state current
T
HS = 80
oC. Double side cooled. Half sine 50Hz.
I
T(RMS)
I
T(AV)
Mean on-state current
2500
DG406BP25
Conditions
Type Number
T
vj = 125
oC, I
DM = 50mA,
I
RRM = 50mA
Repetitive Peak Off-state Voltage
V
DRM
V
Repetitive Peak Reverse Voltage
V
RRM
V
16
DG406BP25
Gate Turn-off Thyristor
Replaces version, DS4090-3.0
DS4090-4.0 November 2005 (LN24306)


Similar Part No. - DG406BP25

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
logo
GREEGOO Electric Co.,Lt...
DG406BP25 GREEGOO-DG406BP25 Datasheet
539Kb / 18P
   Gate Turn-off Thyristor
More results

Similar Description - DG406BP25

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA20H2501 ABB-5SGA20H2501 Datasheet
313Kb / 9P
   Gate turn-off Thyristor
logo
Power Semiconductors
ATG778 POSEICO-ATG778 Datasheet
44Kb / 2P
   GATE TURN-OFF THYRISTOR
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45 Datasheet
220Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG306AE25 DYNEX-DG306AE25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com