Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG406BP25 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DG406BP25
Description  Gate Turn-off Thyristor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DG406BP25 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DG406BP25 Datasheet HTML 1Page - Dynex Semiconductor DG406BP25 Datasheet HTML 2Page - Dynex Semiconductor DG406BP25 Datasheet HTML 3Page - Dynex Semiconductor DG406BP25 Datasheet HTML 4Page - Dynex Semiconductor DG406BP25 Datasheet HTML 5Page - Dynex Semiconductor DG406BP25 Datasheet HTML 6Page - Dynex Semiconductor DG406BP25 Datasheet HTML 7Page - Dynex Semiconductor DG406BP25 Datasheet HTML 8Page - Dynex Semiconductor DG406BP25 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DG406BP25
3/19
CHARACTERISTICS
Conditions
Peak reverse current
On-state voltage
V
TM
Peak off-state current
Reverse gate cathode current
50
-
Turn-on energy
Gate trigger current
Delay time
Rise time
Fall time
Gate controlled turn-off time
Turn-off energy
Storage time
Turn-off gate charge
Total turn-off gate charge
Peak reverse gate current
-
3000
V
RGM = 16V, No gate/cathode resistor
µC
I
T = 1000A, VDM = 2500V
Snubber Cap Cs = 1.0
µF,
di
GQ/dt = 30A/µs
T
j = 125
oC unless stated otherwise
Symbol
Parameter
I
DM
I
RRM
V
GT
Gate trigger voltage
I
GT
I
RGM
E
ON
t
d
t
r
E
OFF
t
gs
t
gf
t
gq
Q
GQ
Q
GQT
I
GQM
Min.
Max.
Units
-2.5
V
V
DRM = 2500V,
V
RG = 0V
-
50
mA
At V
RRM
-50
mA
V
D = 24V, IT = 100A, Tj = 25
oC-
1.0
V
V
D = 24V, IT = 100A, Tj = 25
oC-
1.5
A
mA
mJ
1040
-
V
D = 2000V
I
T = 1000A, dIT/dt = 300A/µs
I
FG = 30A, rise time ≤ 1.0µs
µs
1.5
-
-3.0
µs
-
2300
mJ
-
14.0
µs
µs
1.5
-
µs
15.5
-
-
6000
µC
-
420
A
At 1000A peak, I
G(ON) = 4A d.c.


Similar Part No. - DG406BP25

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
logo
GREEGOO Electric Co.,Lt...
DG406BP25 GREEGOO-DG406BP25 Datasheet
539Kb / 18P
   Gate Turn-off Thyristor
More results

Similar Description - DG406BP25

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA20H2501 ABB-5SGA20H2501 Datasheet
313Kb / 9P
   Gate turn-off Thyristor
logo
Power Semiconductors
ATG778 POSEICO-ATG778 Datasheet
44Kb / 2P
   GATE TURN-OFF THYRISTOR
logo
Dynex Semiconductor
DG648BH45 DYNEX-DG648BH45 Datasheet
220Kb / 19P
   Gate Turn-off Thyristor
logo
ABB
5SGA25H2501 ABB-5SGA25H2501 Datasheet
113Kb / 9P
   Gate turn-off Thyristor
5SGF30J4502 ABB-5SGF30J4502 Datasheet
303Kb / 9P
   Gate turn-off Thyristor
logo
Dynex Semiconductor
DG306AE25 DYNEX-DG306AE25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
DG406BP25 DYNEX-DG406BP25 Datasheet
217Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com