Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM800DCS12-A000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM800DCS12-A000
Description  IGBT Chopper Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM800DCS12-A000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM800DCS12-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM800DCS12-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM800DCS12-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM800DCS12-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM800DCS12-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM800DCS12-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM800DCS12-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM800DCS12-A000 Datasheet HTML 8Page - Dynex Semiconductor DIM800DCS12-A000 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/9
www.dynexsemi.com
FEATURES
10µs Short Circuit Withstand
Non Punch Through Silicon
Isolated Copper Baseplate
Lead Free construction
APPLICATIONS
Chopper
DC Motor Drives
Power Supplies
The Powerline range
of
high
power
modules
includes half bridge, chopper, dual, single and bi-
directional switch configurations covering voltages
from 600V to 3300V and currents up to 2400A.
The DIM800DCS12-A000 is a 1200V, n channel
enhancement mode, insulated gate bipolar transistor
(IGBT) chopper module. The IGBT has a wide
reverse bias safe operating area (RBSOA) plus full
10
µs short circuit withstand.
The module incorporates an electrically isolated
base plate and low inductance construction enabling
circuit designers to optimise circuit layouts and
utilise grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM800DCS12-A000
Note: When ordering, please use the whole part number.
.
KEY PARAMETERS
VCES
1200V
VCE (sat)
*
(typ)
2.2V
IC
(max)
800A
IC(PK)
(max)
1600A
*(measured at the power busbars and not the auxiliary terminals)
Fig. 1 Chopper circuit diagram
Outline type code: D
(See package details for further information)
Fig. 2 Electrical connections (not to scale)
DIM800DCS12-A000
IGBT Chopper Module
DS5839- 1.1 June 2005
(LN24042)


Similar Part No. - DIM800DCS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM800DCS12-A000 DYNEX-DIM800DCS12-A000_15 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results

Similar Description - DIM800DCS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DCM17-A000 DYNEX-DIM400DCM17-A000_11 Datasheet
328Kb / 8P
   IGBT Chopper Module
DIM800DCM12-A000 DYNEX-DIM800DCM12-A000 Datasheet
207Kb / 10P
   IGBT Chopper Module
DIM250PKM33-TL000 DYNEX-DIM250PKM33-TL000 Datasheet
375Kb / 8P
   IGBT Chopper Module
DIM250PLM33-TS000 DYNEX-DIM250PLM33-TS000 Datasheet
410Kb / 8P
   IGBT Chopper Module
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB200E6 NIEC-PCHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Chopper
PCHMB75E6 NIEC-PCHMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
PCHMB150E6 NIEC-PCHMB150E6 Datasheet
333Kb / 4P
   IGBT Module-Chopper
logo
Dynex Semiconductor
DIM800ECM33-F000 DYNEX-DIM800ECM33-F000 Datasheet
884Kb / 8P
   IGBT Chopper Module
DIM250PKM33-TS000 DYNEX-DIM250PKM33-TS000 Datasheet
411Kb / 8P
   IGBT Chopper Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com