Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBF4391LT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMBF4391LT1
Description  JFET Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBF4391LT1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMBF4391LT1 Datasheet HTML 1Page - Motorola, Inc MMBF4391LT1 Datasheet HTML 2Page - Motorola, Inc MMBF4391LT1 Datasheet HTML 3Page - Motorola, Inc MMBF4391LT1 Datasheet HTML 4Page - Motorola, Inc MMBF4391LT1 Datasheet HTML 5Page - Motorola, Inc MMBF4391LT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
JFET Switching Transistors
N–Channel
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDS
30
Vdc
Drain–Gate Voltage
VDG
30
Vdc
Gate–Source Voltage
VGS
30
Vdc
Forward Gate Current
IG(f)
50
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
DEVICE MARKING
MMBF4391LT1 = 6J; MMBF4392LT1 = 6K; MMBF4393LT1 = 6G
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Gate–Source Breakdown Voltage
(IG = 1.0 µAdc, VDS = 0)
V(BR)GSS
30
Vdc
Gate Reverse Current
(VGS = 15 Vdc, VDS = 0, TA = 25°C)
(VGS = 15 Vdc, VDS = 0, TA = 100°C)
IGSS
1.0
0.20
nAdc
µAdc
Gate–Source Cutoff Voltage
(VDS = 15 Vdc, ID = 10 nAdc)
MMBF4391LT1
MMBF4392LT1
MMBF4393LT1
VGS(off)
–4.0
–2.0
–0.5
–10
–5.0
–3.0
Vdc
Off–State Drain Current
(VDS = 15 Vdc, VGS = –12 Vdc)
(VDS = 15 Vdc, VGS = –12 Vdc, TA = 100°C)
ID(off)
1.0
1.0
nAdc
µAdc
1. FR– 5 = 1.0
 0.75  0.062 in.
Thermal Clad is a trademark of the Bergquist Company
Order this document
by MMBF4391LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBF4391LT1
MMBF4392LT1
MMBF4393LT1
1
2
3
CASE 318 – 08, STYLE 10
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1997
2 SOURCE
3
GATE
1 DRAIN


Similar Part No. - MMBF4391LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MMBF4391LT1G ONSEMI-MMBF4391LT1G Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4391LT1G ONSEMI-MMBF4391LT1G Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MMBF4391LT1G ONSEMI-MMBF4391LT1G Datasheet
176Kb / 6P
   JFET Switching Transistors
October, 2009 ??Rev. 7
More results

Similar Description - MMBF4391LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF4391LT1 ONSEMI-MMBF4391LT1 Datasheet
90Kb / 6P
   JFET Switching Transistors
September, 2004 ??Rev. 4
MMBF4391LT1G ONSEMI-MMBF4391LT1G_09 Datasheet
176Kb / 6P
   JFET Switching Transistors
October, 2009 ??Rev. 7
MMBF4391LT1G ONSEMI-MMBF4391LT1G_12 Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MMBF4393LT3G ONSEMI-MMBF4393LT3G Datasheet
134Kb / 6P
   JFET Switching Transistors
May, 2012 ??Rev. 10
MPF4392 ONSEMI-MPF4392_12 Datasheet
126Kb / 6P
   JFET Switching Transistors
February, 2012 ??Rev. 6
MMBF4391L ONSEMI-MMBF4391L Datasheet
180Kb / 6P
   JFET Switching Transistors
October, 2016 ??Rev. 12
MMBF4391LT1 ONSEMI-MMBF4391LT1_06 Datasheet
82Kb / 6P
   JFET Switching Transistors N-Channel
January, 2006 ??Rev. 5
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N5653 NJSEMI-2N5653 Datasheet
143Kb / 1P
   JFET SWITCHING
2N4856A NJSEMI-2N4856A Datasheet
196Kb / 2P
   JFET SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com