Part Name
         Description
MMBF4391LT1

 JFET Switching Transistors ( 6 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MMBF4391LT1 MMBF4392LT1 MMBF4393LT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 5. Switching Time Test Circuit
Figure 6. Typical Forward Transfer Admittance
Figure 7. Typical Capacitance
ID, DRAIN CURRENT (mA)
2.0
5.0
3.0
7.0
0.5
1.0
3.0
7.0
5.0
50
30
10
20
0.7
2.0
10
20
10
2.0
15
3.0
5.0
7.0
0.5
1.0
3.0
30
5.0
0.3
0.1
10
0.05
0.03
VR, REVERSE VOLTAGE (VOLTS)
Tchannel = 25°C
VDS = 15 V
Tchannel = 25°C
(Cds is negligible
Cgs
–VDD
VGG
RGG
RT
RGEN
50
VGEN
RK
RD
OUTPUT
INPUT
50
50
SET VDS(off) = –10 V
INPUT PULSE
tr ≤ 0.25 ns
tf ≤ 0.5 ns
PULSE WIDTH = 2.0
µs
DUTY CYCLE
≤ 2.0%
RGG > RK
RD’ = RD(RT + 50)
RD + RT + 50
Figure 8. Effect of Gate–Source Voltage
on Drain–Source Resistance
80
120
160
200
50
1.0
3.0
170
5.0
20
–10
–40
2.0
80
140
–70
VGS, GATE–SOURCE VOLTAGE (VOLTS)
4.0
0
40
100 mA
125 mA
75 mA
50 mA
25 mA
IDSS
= 10
mA
Tchannel = 25°C
Figure 9. Effect of Temperature on Drain–Source
On–State Resistance
1.8
1.0
2.0
1.2
1.4
1.6
0.8
0.6
0.4
ID = 1.0 mA
VGS = 0
Tchannel, CHANNEL TEMPERATURE (°C)
1.5
1.0
Cgd
110
6.0
7.0
8.0
0
MMBF4393
MMBF4392
MMBF4391
NOTE 1
The switching characteristics shown above were measured using a test
circuit similar to Figure 5. At the beginning of the switching interval, the
gate voltage is at Gate Supply Voltage (–VGG). The Drain–Source Voltage
(VDS) is slightly lower than Drain Supply Voltage (VDD) due to the voltage
divider. Thus Reverse Transfer Capacitance (Crss) of Gate–Drain Capaci-
tance (Cgd) is charged to VGG + VDS.
During the turn–on interval, Gate–Source Capacitance (Cgs) discharges
through the series combination of RGen and RK. Cgd must discharge to
VDS(on) through RG and RK in series with the parallel combination of effec-
tive load impedance (R’D) and Drain–Source Resistance (rDS). During the
turn–off, this charge flow is reversed.
Predicting turn–on time is somewhat difficult as the channel resistance
rDS is a function of the gate–source voltage. While Cgs discharges, VGS
approaches zero and rDS decreases. Since Cgd discharges through rDS,
turn–on time is non–linear. During turn–off, the situation is reversed with
rDS increasing as Cgd charges.
The above switching curves show two impedance conditions; 1) RK is
equal to RD’ which simulates the switching behavior of cascaded stages
where the driving source impedance is normally the load impedance of the
previous stage, and 2) RK = 0 (low impedance) the driving source imped-
ance is that of the generator.
1  2  3  4  5  6 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMBF4391LT1JFET Switching Transistors 1 2 3 4 5 MoreON Semiconductor
BFN36NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
PZT2222NPN Silicon Switching Transistors 1 2 3 4 5 MoreSiemens Semiconductor Group
2SD2583AUDIO FREQUENCY AMPLIFIER SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS 1 2 3 4 5 MoreNEC
NTE196Silicon Complementary Transistors Audio Power Output and Medium Power Switching 1 2 NTE Electronics
BCY58NPN switching transistors 1 2 3 4 5 MoreNXP Semiconductors
BDY56NPNSILICON TRANSISTORS DIFFUSED MESA LF Large Signal Power Amplificational High Current Fast Switching 1 2 3 List of Unclassifed Manufacturers
BFN37PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
PZT2907PNP Silicon Switching Transistors 1 2 3 4 5 MoreSiemens Semiconductor Group
CMKT2222AULTRAminiTM SURFACE MOUNT DUAL NPN SMALL SIGNAL SWITCHING TRANSISTORS 1 2 Central Semiconductor Corp

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl