Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP497 Datasheet(PDF) 4 Page - Analog Devices

Part # OP497
Description  Precision Picoampere Input Current Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497 Datasheet(HTML) 4 Page - Analog Devices

  OP497 Datasheet HTML 1Page - Analog Devices OP497 Datasheet HTML 2Page - Analog Devices OP497 Datasheet HTML 3Page - Analog Devices OP497 Datasheet HTML 4Page - Analog Devices OP497 Datasheet HTML 5Page - Analog Devices OP497 Datasheet HTML 6Page - Analog Devices OP497 Datasheet HTML 7Page - Analog Devices OP497 Datasheet HTML 8Page - Analog Devices OP497 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. D
OP497
–4–
–Typical Performance Characteristics (25 C, Vs = 15 V, unless otherwise noted.)
50
0
100
30
10
–80
20
–100
40
80
60
40
20
0
–20
–40
–60
INPUT OFFSET VOLTAGE –
V
TA = 25 C
VS = 15V
VCM = 0V
TPC 1. Typical Distribution of
Input Offset Voltage
TCVOS – V/ C
50
0
0.8
30
10
0.1
20
0
40
0.7
0.6
0.5
0.4
0.3
0.2
VS =
15V
VCM = 0V
TPC 4. Typical Distribution of
TCVOS
3
0
5
1
1
0
2
4
3
2
TIME AFTER POWER APPLIED – Minutes
TA = 25 C
VS =
15V
VCM = 0V
TPC 7. Input Offset Voltage
Warm-Up Drift
50
0
100
30
10
–80
20
–100
40
80
60
40
20
0
–20
–40
–60
INPUT BIAS CURRENT – pA
TA = 25 C
VS = 15V
VCM = 0V
TPC 2. Typical Distribution of
Input Bias Current
VS =
15V
VCM = 0V
1000
100
10
–75 –50 –25
0
25
50
75
100 125
TEMPERATURE – C
–IB
+IB
IOS
TPC 5. Input Bias, Offset
Current vs. Temperature
10
100
1k
10k
100k
1M
10M
10000
1000
100
10
SOURCE RESISTANCE –
–55 C
T
125 C
A
T = +25 C
A
BALANCED OR UNBALANCED
VS = 15V
VCM = 0V
TPC 8. Effective Offset Voltage
vs. Source Resistance
INPUT OFFSET CURRENT – pA
60
0
60
30
10
10
20
0
50
40
50
40
30
20
TA = 25 C
VS = 15V
VCM = 0V
TPC 3. Typical Distribution of
Input Offset Current
70
0
15
30
10
–10
20
–15
60
40
50
10
5
0
–5
COMMON-MODE VOLTAGE – Volts
TA = 25 C
VS =
15V
–IB
+IB
TPC 6. Input Bias Current vs.
Common-Mode Voltage
100
1k
10k
100k
1M
10M
100
10
1
0.1
SOURCE RESISTANCE –
100M
BALANCED OR UNBALANCED
VS = 15V
VCM = 0V
TPC 9. Effective TCVOS vs.
Source Resistance


Similar Part No. - OP497

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP497 AD-OP497 Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497 AD-OP497 Datasheet
283Kb / 17P
   Precision Picoampere Input Current Quad Operational Amplifier
OP497FP AD-OP497FP Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497FP AD-OP497FP Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497FP AD-OP497FP Datasheet
283Kb / 17P
   Precision Picoampere Input Current Quad Operational Amplifier
More results

Similar Description - OP497

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP497GSZ AD-OP497GSZ Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497 AD-OP497_17 Datasheet
283Kb / 17P
   Precision Picoampere Input Current Quad Operational Amplifier
OP497 AD-OP497_15 Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
5962-9452101M2A AD-5962-9452101M2A Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP-497 AD-OP-497 Datasheet
524Kb / 12P
   PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
REV. C
OP12 AD-OP12 Datasheet
147Kb / 4P
   Precision Low-Input Current Operational Amplifier
logo
List of Unclassifed Man...
OP-08 ETC1-OP-08 Datasheet
351Kb / 7P
   PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704_15 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704 Datasheet
397Kb / 8P
   Quad Picoampere Input Current Bipolar Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com