Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PONA3035-SC-20-P-DC Datasheet(PDF) 1 Page - Emcore Corporation

Part # PONA3035-SC-20-P-DC
Description  Erbium Doped Fiber Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA3035-SC-20-P-DC Datasheet(HTML) 1 Page - Emcore Corporation

  PONA3035-SC-20-P-DC Datasheet HTML 1Page - Emcore Corporation PONA3035-SC-20-P-DC Datasheet HTML 2Page - Emcore Corporation PONA3035-SC-20-P-DC Datasheet HTML 3Page - Emcore Corporation PONA3035-SC-20-P-DC Datasheet HTML 4Page - Emcore Corporation PONA3035-SC-20-P-DC Datasheet HTML 5Page - Emcore Corporation PONA3035-SC-20-P-DC Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
High Performance SuperTrunking Links
High Power Distribution Networks
Fiber Deep Architectures
FTTx Networks
Features
Full Function High Power Fiber Optic Amplifier
Low Noise Figure (Typ < 6 dB)
Total Input Power Range: -10 dBm to +12 dBm
Total Ouput Power: +27 dBm to +37 dBm
(Optical Ouput Power Splitter is Optional
for these Units)
Standard RS-232 communications
Standard SNMP Communication
(coming soon)
Low Electrical Power Consumption
Input/Output Isolation >40/40 dB
Polarization Dependant Gain < 0.1 dB
Polarization Mode Dispersion < 0.5 ps
PONA 3000 Series Erbium Doped Fiber Amplifier
The EMCORE PONA 3000 Series Fiber Optical Amplifier Module is an ideal
building block for OEM system integrators. The family of PONA 3000 Optical
Amplifiers is designed to meet the most demanding noise performance
requirements of CATV and FTTx applications, and performs all the functions
required of an optical amplifier for system integration. PONA 3000 series
optical amplifiers provide optical isolation on the input and output of the gain
block for stable, low noise operation. The input and output optical signal
power levels are detected for monitoring and control. The input optical signal
is amplified with active gain control for a constant output power level, or with
active output power control for constant gain mode. The PONA 3000 series
optical amplifiers also provide monitoring functions and associated alarms for
all vital characteristics. The optical output of the PONA 3000 series optical
amplifiers can be split into number of ports by an optional internal splitter.
PONA3000 series includes AC/DC Power Supply, Front Panel, Optical
Splitters, network card and all necessary connectors.
General and Mechanical Specifications
General Property
Requirement
Comments
Operating Wavelength
1545 ~ 1565nm
Standard
Operating Case
Temperature
0
C to 50C
Standard
Storage Temperature
-40
C to 85C
Standard
Operating Humidity
20% to 85%
Non-condensing
Voltage Supply Range
85 VAC to 265 VAC 50/60 Hz
-36 to –60 V DC
AC version
DC version
*(Redundant Power Supply is
available by Customer
request
Optical Connectors
See ordering information
User Specified
Dimensions In Inches
19.0”W x 14.76”D x 3.44”H
19’’ Rack Mounted, 2 RU
PONA 3000 Series


Similar Part No. - PONA3035-SC-20-P-DC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA3035-SC01E2DC EMCORE-PONA3035-SC01E2DC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
PONA3035-SC01EAC EMCORE-PONA3035-SC01EAC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
PONA3035-SC01EDC EMCORE-PONA3035-SC01EDC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
PONA3035-SC01P2DC EMCORE-PONA3035-SC01P2DC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
PONA3035-SC01PAC EMCORE-PONA3035-SC01PAC Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
More results

Similar Description - PONA3035-SC-20-P-DC

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com