Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1935F-A-DI-A-1311-SA-10-B Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1935F-A-DI-A-1311-SA-10-B
Description  Coaxial DFB Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1935F-A-DI-A-1311-SA-10-B Datasheet(HTML) 3 Page - Emcore Corporation

  1935F-A-DI-A-1311-SA-10-B Datasheet HTML 1Page - Emcore Corporation 1935F-A-DI-A-1311-SA-10-B Datasheet HTML 2Page - Emcore Corporation 1935F-A-DI-A-1311-SA-10-B Datasheet HTML 3Page - Emcore Corporation 1935F-A-DI-A-1311-SA-10-B Datasheet HTML 4Page - Emcore Corporation 1935F-A-DI-A-1311-SA-10-B Datasheet HTML 5Page - Emcore Corporation 1935F-A-DI-A-1311-SA-10-B Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Electrical/Optical Characteristics (continued)
Parameters
Symbol
Conditions/Notes
Min
Typ
Max
Unit
Tracking Error
ΔPf
IMON = const
ER = 10log(PO/2.0) [dB]
-1
-
+1
dB
Optical Isolation, Tcase = 25ºC
ISO
Double Isolator
45
-
-
dB
Spectral Width (-20 dB)

Iop
-
0.1
1.0
nm
Side Mode Suppression Ratio
SMSR
Iop
30
45
-
dB
Optical Return Loss
ORL
Tcase = 25ºC
35
-
-
dB
1. Referenced to base of TO header.
Forward Path RF Characteristics
1935F Performance Parameter
Symbol
Conditions/Notes
Min
Typ
Max
Unit
Frequency Response Flatness
1
|S21|
47 MHz – 1002 MHz
5 MHz – 4000 MHz
-
-
-
-
1
4
dBp-p
Response Up-tilt
1
47 MHz < f < 1002 MHz
-1
3
dB
Carrier-to-Noise Ratio
2,3,4
CNR
Iop
51
-
-
dB
Composite Second Order
2,3,4
Standard Linearity
Enhanced Linearity
CSO
Iop
Tcase = 25ºC
-
-
-
-
-57
-60
dBc
Composite Triple Beat
2,3,4
Standard Linearity
Enhanced Linearity
CTB
Iop
Tcase = 25ºC
-
-
-
-
-65
-68
dBc
1. Iop, Tcase = 25C. Test with the laser Input pin matched to a 50 system.
2. 3.7% OMI, 79 NTSC unmodulated carriers (50 MHz to 550 MHz). 10 km fiber.
3. Received power = 0 dBm.
4. Iop, Tcase = 25C. Test with the laser Input pin matched to a 75 system.
Return Path RF Characteristics
1935R Performance Parameters
Symbol
Conditions/Notes
Min
Typ
Max
Unit
Frequency Response Flatness
1
|S21|
5 MHz - 200 MHz
-
-
1
dBp-p
Second Order Distortion
2
Standard Linearity
Enhanced Linearity
DSO
PF = 3 dBm, OMI = 10% each
2-tone test: f1=7MHz, f2=56MHz
20 km of fiber
(7.5 dB total loss with connector) f1 + f2
-
-
-
-
-52
-58
dBc
Third Order Distortion
2
Standard Linearity
Enhanced Linearity
DTB
PF = 3 dBm, OMI = 10% each
2-tone test: f1=7MHz, f2=56MHz
20 km of fiber
(7.5 dB total loss with connector) 2f2-f1
-
-
-
-
-63
-65
dBc
1. Iop, Tcase = 25C. Test with the laser Input pin matched to a 50 system.
2. Iop, Tcase = 25C. Test with laser input pin matched to a 75 system.
1935 F/R/W Coaxial DFB Laser Diode
O-Band CWDM 5 MHz – 4000 MHz


Similar Part No. - 1935F-A-DI-A-1311-SA-10-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1935F-A-DI-A-1311-SA-03-B EMCORE-1935F-A-DI-A-1311-SA-03-B Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
1935F-A-DI-A-1311-SA-05-B EMCORE-1935F-A-DI-A-1311-SA-05-B Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
More results

Similar Description - 1935F-A-DI-A-1311-SA-10-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
   1310 nm CATV Coaxial DFB Laser Diode
1935FRW EMCORE-1935FRW Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
1955FRW EMCORE-1955FRW Datasheet
505Kb / 6P
   1955 F/R/W Coaxial DFB Laser Diode
1933FRW EMCORE-1933FRW Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
logo
Roithner LaserTechnik G...
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
logo
California Eastern Labs
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com