Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1935R-A-DI-A-1311-SA-10-B Datasheet(PDF) 4 Page - Emcore Corporation

Part # 1935R-A-DI-A-1311-SA-10-B
Description  Coaxial DFB Laser Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1935R-A-DI-A-1311-SA-10-B Datasheet(HTML) 4 Page - Emcore Corporation

  1935R-A-DI-A-1311-SA-10-B Datasheet HTML 1Page - Emcore Corporation 1935R-A-DI-A-1311-SA-10-B Datasheet HTML 2Page - Emcore Corporation 1935R-A-DI-A-1311-SA-10-B Datasheet HTML 3Page - Emcore Corporation 1935R-A-DI-A-1311-SA-10-B Datasheet HTML 4Page - Emcore Corporation 1935R-A-DI-A-1311-SA-10-B Datasheet HTML 5Page - Emcore Corporation 1935R-A-DI-A-1311-SA-10-B Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Wide Bandwidth Path RF Characteristics
1935W Performance Parameters
Symbol
Conditions/Notes
Min
Typ
Max
Unit
Frequency Response Flatness
1
|S21|
900 MHz – 4000 MHz
-
-
4
dBp-p
Input Third Order Intercept
2
IIP3
Standard Linearity, Ibb
30
-
-
dBm
1dB Compression Point
3
P1dB
Ibb
16
-
-
dBm
1. Iop, Tcase = 25C. Test with the laser Input pin matched to a 50 system.
2. IIP3 is measured at Ibb where Ibb is the bias point at which simultaneously the laser at its best linearity and the optical
power is within specification. Test Frequency F1 = 2700MHz, F2 = 2703MHz, RF in = 0dBm/frequency. 0km fiber.
3. Test at 2700MHz. 0km fiber.
Package Outline Drawing (dimensions are in mm)
Mounting Bracket
1935 F/R/W Coaxial DFB Laser Diode
O-Band CWDM 5 MHz – 4000 MHz


Similar Part No. - 1935R-A-DI-A-1311-SA-10-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1935 ETC2-1935 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Alpha Wire
1935/3 ALPHAWIRE-1935/3 Datasheet
98Kb / 4P
   Customer Specification
12/12/2022
logo
List of Unclassifed Man...
19350 ETC2-19350 Datasheet
1Mb / 4P
   Calibration Unit for Testers Installation, Operation and Maintenance
logo
Belden Inc.
19350 BELDEN-19350 Datasheet
147Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19350-008250 BELDEN-19350-008250 Datasheet
147Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
More results

Similar Description - 1935R-A-DI-A-1311-SA-10-B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1933F EMCORE-1933F_12 Datasheet
480Kb / 6P
   Coaxial DFB Laser Diode
1933F-A-A-FA-03-B EMCORE-1933F-A-A-FA-03-B Datasheet
156Kb / 7P
   1310 nm CATV Coaxial DFB Laser Diode
1935FRW EMCORE-1935FRW Datasheet
504Kb / 6P
   1935 F/R/W Coaxial DFB Laser Diode
1955FRW EMCORE-1955FRW Datasheet
505Kb / 6P
   1955 F/R/W Coaxial DFB Laser Diode
1933FRW EMCORE-1933FRW Datasheet
485Kb / 6P
   1933 F/R/W Coaxial DFB Laser Diode
logo
Roithner LaserTechnik G...
RLT1310-30MGS ROITHNER-RLT1310-30MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1550-20MGS ROITHNER-RLT1550-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
RLT1310-20MGS ROITHNER-RLT1310-20MGS Datasheet
526Kb / 2P
   Infrared DFB Laser Diode
logo
California Eastern Labs
NX8601BF-AA CEL-NX8601BF-AA Datasheet
482Kb / 5P
   LASER DIODE 1 625 nm InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com