Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0897A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0897A
Description  COMPUTER CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0897A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0897A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C0897A
Revision Level:
00
Date:
June 23, 2005
12.5P 24 7/32 TC PE OAS PVC
COMPUTER CABLE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR:
#24 AWG 7/32 Tinned Copper
0.024” nom.
2)
INSULATION:
0.015” Wall Polyethylene
0.054” nom.
3)
PAIRING:
25 conductors into 12.5 pairs @ 2.00” LHL.
0.331” nom.
4)
COLOR CODE:
1.
Black paired to White
2.
Red paired to Green
3.
Brown paired to Blue
4.
Orange paired to Yellow
5.
Purple paired to Gray
6.
Tan paired to Pink
7.
White with Blue stripe paired to Blue with White stripe
8.
White with Brown stripe paired to Brown with White stripe
9.
White with Orange stripe paired to Orange with White
stripe
10. White with Green stripe paired to Green with White stripe
11. White with Red stripe paired to Red with White stripe
12. White with Black stripe paired to Black with White stripe
13. Green with Yellow stripe
5)
CABLE:
12.5 pairs @ 5.00” LHL with aluminum/polypropylene tape
(foil out) & #24 AWG 7/32 TC drain wire.
0.395” nom.
6)
JACKET:
0.032” Wall Polyvinyl Chloride - Gray
0.459” +/- 0.025”
7)
PRINT LEGEND:
CAROL (R) 24 AWG -- C0897A -- 75C E111240-8 CM(UL)
C(UL)CMH OR 80C AWM STYLE 2448 300V LOW VOLTAGE COMPUTER
CABLE -- MADE IN USA
(DATE CODE)
8)
B.
INDUSTRY APPROVALS
UL Standard 444
Type CM (UL)
National Electrical Code
Article 800
Canadian Standards Association
Type CMH C(UL)
UL Subject 758
AWM Style 2448
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
75 C/CM, 80C/AWM
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300 Vrms/CM, 30Vrms/AWM
3)
CONDUCTOR D.C. RESISTANCE:
25.7 Ohms/1000 ft. nom. @ 20 C
4)
SHIELD RESISTANCE:
7.2 Ohms/1000 ft. nom. @ 20 C
5)
MUTUAL CAPACITANCE:
13.2 pF/ft. @ 1kHz nom.
6)
GROUND CAPACITANCE:
23.8 pF/ft. @ 1kHz nom.
7)
CHARACTERISTIC IMPEDANCE:
116.6 Ohms @ 1 MHz nom.
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0897A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0890A GENERAL-C0890A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0893A GENERAL-C0893A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0896A GENERAL-C0896A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0899A GENERAL-C0899A Datasheet
81Kb / 1P
   COMPUTER CABLE
logo
SHANTOU HUASHAN ELECTRO...
C089BJ-00 HUASHAN-C089BJ-00 Datasheet
27Kb / 1P
   NPN SILICON TRANSISTOR
More results

Similar Description - C0897A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0943A GENERAL-C0943A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0955A GENERAL-C0955A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0961A GENERAL-C0961A Datasheet
75Kb / 1P
   COMPUTER CABLE
C0971A GENERAL-C0971A Datasheet
73Kb / 1P
   COMPUTER CABLE
C0975A GENERAL-C0975A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
   COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com