Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4152GM1-A-T Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW4152GM1-A-T
Description  Switching Regulator IC for Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4152GM1-A-T Datasheet(HTML) 4 Page - New Japan Radio

  NJW4152GM1-A-T Datasheet HTML 1Page - New Japan Radio NJW4152GM1-A-T Datasheet HTML 2Page - New Japan Radio NJW4152GM1-A-T Datasheet HTML 3Page - New Japan Radio NJW4152GM1-A-T Datasheet HTML 4Page - New Japan Radio NJW4152GM1-A-T Datasheet HTML 5Page - New Japan Radio NJW4152GM1-A-T Datasheet HTML 6Page - New Japan Radio NJW4152GM1-A-T Datasheet HTML 7Page - New Japan Radio NJW4152GM1-A-T Datasheet HTML 8Page - New Japan Radio NJW4152GM1-A-T Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NJW4152-AB
- 4 -
Ver.2013-01-23
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted, V+=VON/OFF=12V, RT=27kΩ, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Under Voltage Lockout Block
ON Threshold Voltage
VT_ON
V+= L → H
3.2
3.4
3.6
V
OFF Threshold Voltage
VT_OFF
V+= H → L
3.1
3.3
3.5
V
Hysteresis Voltage
VHYS
60
100
mV
Soft Start Block
Soft Start Time
TSS
VB=0.75V
2
4
8
ms
Oscillator Block
Oscillation Frequency
fOSC
630
700
770
kHz
Oscillation Frequency
(Low Frequency Control)
fOSC_LOW
VIN-=0.4V, VFB=0.55V
270
kHz
RT pin Voltage
VRT
0.24
0.275
0.31
V
Oscillation Frequency deviation
(Supply voltage)
fDV
V+=4.6V to 40V
1
%
Oscillation Frequency deviation
(Temperature)
fDT
Ta=-40
°C to +85°C
2
%
Error Amplifier Block
Reference Voltage
VB
-1.0%
0.8
+1.0%
V
Input Bias Current
IB
-0.1
+0.1
µA
Open Loop Gain
AV
80
dB
Gain Bandwidth
GB
0.6
MHz
Output Source Current
IOM+
VFB=1V, VIN-=0.7V
8
16
24
µA
Output Sink Current
IOM-
VFB=1V, VIN-=0.9V
1
2
4
mA
PWM Comparate Block
Maximum Duty Cycle
MAXDUTY
VIN-=0.7V
100
%
Output Block
Output ON Resistance
RON
ISW=1A
0.3
0.5
Switching Current Limit
ILIM
1.4
1.7
2.0
A
Switching Leak Current
ILEAK
VON/OFF=0V, V
+=45V, V
SW=0V
1
µA
ON/OFF Block
ON Control Voltage
VON
VON/OFF= L → H
1.6
V+
V
OFF Control Voltage
VOFF
VON/OFF= H → L
0
0.5
V
Pull-down Resistance
RPD
480
k
General Characteristics
Quiescent Current
IDD
RL=no load, VIN-=0.7V, VFB=0.55V
2.5
2.8
mA
Standby Current
IDD_STB
VON/OFF=0V
1
µA


Similar Part No. - NJW4152GM1-A-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4152GM1-A-T NJRC-NJW4152GM1-A-T Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T NJRC-NJW4152GM1-A-T Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T NJRC-NJW4152GM1-A-T Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152GM1-A-T1 NJRC-NJW4152GM1-A-T1 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4152GM1-A-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com