Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1118 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C1118
Description  Sound, Alarm & Security Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C1118 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C1118 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C1118
Date:
11/5/2007
Revision Level:
0
4C 22 7/30 BC PVC PVC
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Cable:
#22 AWG 7/30 Bare Copper
0.010" Wall Polyvinyl Chloride
0.020” Wall Polyvinyl Chloride
0.029” nom.
4C @ 4.00" LHL
0.120" nom.
0.049" nom.
0.160" +/- 0.008"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
80C
200V
14.8 Ohms/1000 ft nom
34.45 pF/ft @ 1kHz nom
65.8 Ohms @ 1MHz nom
Non - UL
1
2
3
4
Black
White
Red
Green
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C1118

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11184 HAMAMATSU-C11184 Datasheet
156Kb / 2P
   WIDE BANDWIDTH AMPLIFIER UNIT
logo
Ledil, Inc.
C11185 LEDIL-C11185 Datasheet
2Mb / 5P
   Beam for area lighting with shorter illumination distance optimized for CREE XR-E
More results

Similar Description - C1118

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
05485 GENERAL-05485 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
C1119 GENERAL-C1119 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05481 GENERAL-05481 Datasheet
74Kb / 1P
   Sound, Alarm & Security Cable
05784 GENERAL-05784 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05093 GENERAL-05093 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
05783 GENERAL-05783 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238071801 GENERAL-238071801 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238101801 GENERAL-238101801 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
238246001 GENERAL-238246001 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
C1123 GENERAL-C1123 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
C1124 GENERAL-C1124 Datasheet
73Kb / 1P
   Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com