Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4152R-BA-Z Datasheet(PDF) 11 Page - New Japan Radio

Part # NJW4152R-BA-Z
Description  Switching Regulator IC for Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4152R-BA-Z Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJW4152R-BA-Z Datasheet HTML 7Page - New Japan Radio NJW4152R-BA-Z Datasheet HTML 8Page - New Japan Radio NJW4152R-BA-Z Datasheet HTML 9Page - New Japan Radio NJW4152R-BA-Z Datasheet HTML 10Page - New Japan Radio NJW4152R-BA-Z Datasheet HTML 11Page - New Japan Radio NJW4152R-BA-Z Datasheet HTML 12Page - New Japan Radio NJW4152R-BA-Z Datasheet HTML 13Page - New Japan Radio NJW4152R-BA-Z Datasheet HTML 14Page - New Japan Radio NJW4152R-BA-Z Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NJW4152-AB
- 11 -
Ver.2013-01-23
2. Additional and Protection Functions / Features
Under Voltage Lockout (UVLO)
The UVLO circuit operating is released above V+=3.4V(typ.) and IC operation starts. When power supply voltage
is low, IC does not operate because the UVLO circuit operates. There is 100mV width hysteresis voltage at rise and
decay of power supply voltage. Hysteresis prevents the malfunction at the time of UVLO operating and releasing.
Soft Start Function (Soft Start)
The output voltage of the converter gradually rises to a set value by the soft start function. The soft start time is
4ms (typ). It is defined with the time of the error amplifier reference voltage becoming from 0V to 0.75V. The soft start
circuit operates after the release UVLO and/or recovery from thermal shutdown. The operating frequency is
controlled with a low frequency, approximately 40% of the set value by the timing resistor, until voltage of the IN- pin
becomes approximately 0.4V.
SW pin
0.8V
FB pin Voltage
ON
OFF
Vref,
IN- pin Voltage
OSC Waveform
Steady
Operaton
UVLO(3.4V typ.) Release,
Standby,
Recover from Thermal
Shutdow n
Soft Start effective period to V
B=0.8V
Soft Start time: Tss=4ms(typ.) to V
B=0.75V
Low Frequency
Control
V
IN-=approx 0.4V
Fig. 2. Startup Timing Chart
Technical Information
NJW4152-AB Application Manual


Similar Part No. - NJW4152R-BA-Z

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4152R-BA-Z NJRC-NJW4152R-BA-Z Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152R-BA-Z NJRC-NJW4152R-BA-Z Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152R-BA-Z NJRC-NJW4152R-BA-Z Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
More results

Similar Description - NJW4152R-BA-Z

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4154 NJRC-NJW4154 Datasheet
281Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152-AB NJRC-NJW4152-AB_15 Datasheet
554Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4152A NJRC-NJW4152A Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4158 NJRC-NJW4158 Datasheet
132Kb / 8P
   Switching Regulator IC for Buck Converter
NJW4160 NJRC-NJW4160 Datasheet
479Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4152B NJRC-NJW4152B Datasheet
535Kb / 23P
   Switching Regulator IC for Buck Converter
NJW4128 NJRC-NJW4128 Datasheet
230Kb / 21P
   Switching Regulator IC for Buck Converter
NJW4153 NJRC-NJW4153 Datasheet
227Kb / 22P
   Switching Regulator IC for Buck Converter
NJW4161 NJRC-NJW4161 Datasheet
419Kb / 19P
   MOSFET Drive Switching Regulator IC for Buck Converter
NJW4196 NJRC-NJW4196 Datasheet
285Kb / 11P
   Internal 3.5A MOSFET Switching Regulator IC for Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com