Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2A2020RFDCT Datasheet(PDF) 1 Page - AVX Corporation

Part # X2A2020RFDCT
Description  The MLOTM SMT RF-DC Crossover is a very low profile crossover that intersects an RF and DC circuit trace in an SMT package.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

X2A2020RFDCT Datasheet(HTML) 1 Page - AVX Corporation

  X2A2020RFDCT Datasheet HTML 1Page - AVX Corporation X2A2020RFDCT Datasheet HTML 2Page - AVX Corporation X2A2020RFDCT Datasheet HTML 3Page - AVX Corporation X2A2020RFDCT Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MLO
TM RF-DC SMT Crossover
GENERAL DESCRIPTION
The MLO
TM SMT RF-DC Crossover is a very low profile crossover that intersects an
RF and DC circuit trace in an SMT package. The RF-DC Crossover is a low cost
solution for applications where a critical RF circuit trace intersects a DC circuit pre-
cluding the need for an expensive multilayer printed circuit board. The SMT pack-
age can support frequencies up to 6 GHz. MLO
TM crossovers have been subjected
to JEDEC reliability standards and 100% electrically tested. The RF-DC crossovers
are available in NiSn.
FEATURES
• DC – 6.0 GHz
• RF – DC Crossover
• Low Loss
• DC Isolation
• Surface Mountable
• Tape and Reel
• 100% Tested
APPLICATIONS
• Mobile communications
• GPS
• Vehicle location systems
• Wireless LAN’s
LAND GRID ARRAY
ADVANTAGES
• Inherent Low Profile
• Excellent Solderability
• Low Parasitics
• Better Heat Dissipation
TOP VIEW
Frequency
Port
Ins.
Return Loss
Power
θJC
Operating
(GHz)
Impedance
Loss
(dB min)
(Watts)
(ºC /Watts)
Temperature
(ohms)
(dB max)
(ºC)
DC -2.5
50
0.05
20
30
140
-55 to +85
2.5 – 4.0
50
0.10
20
19
140
-55 to +85
4.0 – 6.0
50
0.15
15
9
140
-55 to +85
* Specification based on performance of component assembled properly on printed circuit board with 50Ω nominal impedance.
QUALITY INSPECTION
Finished parts are 100% tested for electrical
parameters and visual characteristics.
TERMINATION
NiSn compatible with automatic soldering
technologies: Pb free reflow, wave soldering, vapor
phase and manual.
OPERATING
TEMPERATURE
- 55ºC to +85ºC
X2A
Series
2020
Size
T
Packaging
T = 1000pcs T&R
T/250 = 250pcs T&R
B = Bulk
HOW TO ORDER
RFDC
Type


Similar Part No. - X2A2020RFDCT

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X2A ANAREN-X2A Datasheet
275Kb / 2P
   SMT Crossover
X2AS ANAREN-X2AS Datasheet
268Kb / 2P
   SMT Crossover
X2AS ANAREN-X2AS Datasheet
178Kb / 4P
   SMT Crossover
X2AS ANAREN-X2AS_10 Datasheet
178Kb / 4P
   SMT Crossover
More results

Similar Description - X2A2020RFDCT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
X2B2020RFRFT AVX-X2B2020RFRFT Datasheet
477Kb / 4P
   MLOTM RF-RF SMT Crossover
logo
Anaren Microwave
X2A ANAREN-X2A Datasheet
275Kb / 2P
   SMT Crossover
logo
Yantel Corporation
CR01 YANTEL-CR01 Datasheet
1Mb / 7P
   SMT Crossover
logo
Anaren Microwave
X2AS ANAREN-X2AS_10 Datasheet
178Kb / 4P
   SMT Crossover
X2BS ANAREN-X2BS Datasheet
334Kb / 2P
   SMT Crossover
X2B ANAREN-X2B Datasheet
335Kb / 2P
   SMT Crossover
X2AS ANAREN-X2AS Datasheet
268Kb / 2P
   SMT Crossover
logo
Yantel Corporation
CR07 YANTEL-CR07 Datasheet
1Mb / 8P
   SMT Crossover
logo
Anaren Microwave
X2BS ANAREN-X2BS_14 Datasheet
337Kb / 3P
   SMT Crossover
X0060L5050AHF ANAREN-X0060L5050AHF Datasheet
158Kb / 4P
   Ultra Low Profile 0603 RF Crossover
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com