Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM800DDS12-A000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DIM800DDS12-A000
Description  Dual Switch IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM800DDS12-A000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DIM800DDS12-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM800DDS12-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM800DDS12-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM800DDS12-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM800DDS12-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM800DDS12-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM800DDS12-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM800DDS12-A000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIM800DDS12-A000
Dual Switch IGBT Module
Replaces DS5540-2.2
DS5540-3 November 2009 (LN26746)
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
1/8
www.dynexsemi.com
FEATURES
10µs Short Circuit Withstand
High Thermal Cycling Capability
Non Punch Through Silicon
Isolated Cu Base with Al2O3 Substrates
Lead Free construction
APPLICATIONS
High Reliability Inverters
Motor Controllers
The Powerline range of high power modules includes
half bridge, chopper, dual, single and bi-directional
switch configurations covering voltages from 1200V to
6500V and currents up to 2400A.
The DIM800DDS12-A000 is a dual switch 1200V, n-
channel enhancement mode, insulated gate bipolar
transistor (IGBT) module. The IGBT has a wide
reverse bias safe operating area (RBSOA) plus 10μs
short circuit withstand. This device is optimised for
traction drives and other applications requiring high
thermal cycling capability.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM800DDS12-A000
Note: When ordering, please use the complete part
number
KEY PARAMETERS
VCES
1200V
VCE(sat) * (typ)
2.2 V
IC
(max)
800A
IC(PK)
(max)
1600A
* Measured at the power busbars, not the auxiliary terminals
4 x M8
screwing depth
max 16
screwing depth
max 8
6 x M4
6 x
O7
7(C)
1(E)
3(C)
5(E)
5(E)
6(G)
10(E)
2(C)
4(E)
12(C)
11(G)
130 ± 0.5
114 ±0.1
57 ±0.25
57 ±0.25
16 ±0.2
18 ±0.2
44 ±0.2
57 ±0.2
53 ±0.2
40 ±0.2
29.2 ±0.5
55.2 ± 0.3
11.85 ±0.2
28 ±0.5
Fig. 1 Circuit configuration
Outline type code: D
(See Fig. 11 for further information)
Fig. 2 Package


Similar Part No. - DIM800DDS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM800DDS12-A000 DYNEX-DIM800DDS12-A000_15 Datasheet
392Kb / 8P
   Dual Switch IGBT Module
More results

Similar Description - DIM800DDS12-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM400DDM17-A000 DYNEX-DIM400DDM17-A000 Datasheet
144Kb / 10P
   Dual Switch IGBT Module
GP800DDS18 DYNEX-GP800DDS18 Datasheet
135Kb / 10P
   Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000 Datasheet
617Kb / 8P
   Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000 Datasheet
171Kb / 10P
   Dual Switch IGBT Module
DIM800DDM17-A000 DYNEX-DIM800DDM17-A000_15 Datasheet
323Kb / 8P
   Dual Switch IGBT Module
DIM400DDS12-A000 DYNEX-DIM400DDS12-A000_15 Datasheet
390Kb / 8P
   Dual Switch IGBT Module
DIM500GDM33-TS000 DYNEX-DIM500GDM33-TS000_15 Datasheet
414Kb / 8P
   Dual Switch IGBT Module
DIM600DDS12-A000 DYNEX-DIM600DDS12-A000_15 Datasheet
392Kb / 8P
   Dual Switch IGBT Module
DIM400DDM12-A000 DYNEX-DIM400DDM12-A000_15 Datasheet
391Kb / 8P
   Dual Switch IGBT Module
DIM600DDM17-A000 DYNEX-DIM600DDM17-A000_10 Datasheet
317Kb / 8P
   Dual Switch IGBT Module
DIM400GDM33-F032 DYNEX-DIM400GDM33-F032 Datasheet
366Kb / 8P
   Dual Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com