Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA170E44 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DRA170E44
Description  Avalanche Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRA170E44 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DRA170E44 Datasheet HTML 1Page - Dynex Semiconductor DRA170E44 Datasheet HTML 2Page - Dynex Semiconductor DRA170E44 Datasheet HTML 3Page - Dynex Semiconductor DRA170E44 Datasheet HTML 4Page - Dynex Semiconductor DRA170E44 Datasheet HTML 5Page - Dynex Semiconductor DRA170E44 Datasheet HTML 6Page - Dynex Semiconductor DRA170E44 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DRA170E44
6/7
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please contact Customer Services. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Normal weight: 65g
Clamping force: 3.1kN±20%
Package outline type code:E
Note:
Some packages may be supplied with gate and or tags.


Similar Part No. - DRA170E44

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
   Avalanche Diode
More results

Similar Description - DRA170E44

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKNA202 SEMIKRON-SKNA202 Datasheet
587Kb / 3P
   Avalanche Diode
logo
IXYS Corporation
DSA1 IXYS-DSA1 Datasheet
112Kb / 1P
   Avalanche Diode
logo
Dynex Semiconductor
DRA170E44 DYNEX-DRA170E44_15 Datasheet
820Kb / 7P
   Avalanche Diode
logo
EIC discrete Semiconduc...
AD600V EIC-AD600V Datasheet
49Kb / 1P
   AVALANCHE DIODE
Rev. 02 : March 25, 2005
R2KS EIC-R2KS_V01 Datasheet
141Kb / 2P
   AVALANCHE DIODE
Rev. 03:February 28, 2014
logo
Semikron International
SKNA402 SEMIKRON-SKNA402 Datasheet
602Kb / 3P
   Avalanche Diode
SKNA4 SEMIKRON-SKNA4 Datasheet
328Kb / 3P
   Avalanche Diode
SKNA20 SEMIKRON-SKNA20_10 Datasheet
462Kb / 3P
   Avalanche Diode
SKNA22 SEMIKRON-SKNA22_08 Datasheet
636Kb / 3P
   Avalanche Diode
logo
EIC discrete Semiconduc...
R2K EIC-R2K Datasheet
45Kb / 2P
   AVALANCHE DIODE
R2KN EIC-R2KN Datasheet
130Kb / 2P
   AVALANCHE DIODE
Rev. 03:February 28, 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com