Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE35418-72 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE35418-72
Description  SMA Male to SMA Male Right Angle Precision Cable 72 Inch Length Using 150 Series Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35418-72 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE35418-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35418-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35418-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35418-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Configuration
Right Angle
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to SMA Male Right Angle Precision Cable 72 Inch Length Using 150 Series Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Right Angle Precision Cable 72 Inch Length Using 150 Series Coax,
RoHS PE35418-72
URL: http://www.pasternack.com/sma-male-sma-male-150-series-cable-assembly-pe35418-72-p.aspx
PE35418-72 REV
PE35418-72
SMA Male to SMA Male Right Angle Precision Cable
72 Inch Length Using 150 Series Coax, RoHS


Similar Part No. - PE35418-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35418-12 PASTERNACK-PE35418-12 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE35418-18 PASTERNACK-PE35418-18 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE35418-24 PASTERNACK-PE35418-24 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
PE35418-30 PASTERNACK-PE35418-30 Datasheet
242Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PE35418-36 PASTERNACK-PE35418-36 Datasheet
247Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
More results

Similar Description - PE35418-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34286-72 PASTERNACK-PE34286-72 Datasheet
234Kb / 4P
   SMA Male to SMA Male Precision Cable 72 Inch Length Using 150 Series Coax, RoHS
PE35420-72 PASTERNACK-PE35420-72 Datasheet
231Kb / 3P
   SMA Male to SMA Male Right Angle Precision Cable 72 Inch Length Using 165 Series Coax, RoHS
PE301-72 PASTERNACK-PE301-72 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 72 Inch Length Using 160 Series Coax, RoHS
PE35418-6 PASTERNACK-PE35418-6 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 6 Inch Length Using 150 Series Coax, RoHS
PE35418-60 PASTERNACK-PE35418-60 Datasheet
242Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 60 Inch Length Using 150 Series Coax, RoHS
PE35418-30 PASTERNACK-PE35418-30 Datasheet
242Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PE35418-12 PASTERNACK-PE35418-12 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE35418-18 PASTERNACK-PE35418-18 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE35418-24 PASTERNACK-PE35418-24 Datasheet
241Kb / 4P
   SMA Male to SMA Male Right Angle Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
PE35421-72 PASTERNACK-PE35421-72 Datasheet
329Kb / 3P
   SMA Male Right Angle to SMA Female Bulkhead Precision Cable 72 Inch Length Using 150 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com