Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIM-60 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FIM-60
Description  Master/slave switch selectable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FIM-60 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FIM-60 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All the specifications and photos are subjected to be changed without notice.
www.axiomtek.com
Headquarters
AXIOMTEK Co., Ltd.
Tel: +886-2-2917-4550
Fax: +886-2-2917-3200
E-mail: info@axiomtek.com.tw
USA
AXIOMTEK Inc.
Tel: +1-626-581-3232
Fax: +1-626-581-3552
E-mail: info@axiomtek.com
Germany
AXIOMTEK DEUTSCHLAND GmbH
Tel: +49-2173-399360
Fax: +49-2173-3993636
E-mail: sales@axiomtek.de
France
AXIOMTEK S.A.S.
Tel: +33 (0) 146-491-591
Fax: +33 (0) 146-491-590
E-mail: info@axiomtek.fr
Mainland China
AXIOMTEK Shanghai
Tel: +86-21-5426-0435
Fax: +86-21-5426-0125
E-mail:axcn@axiomtek.com.cn
Introduction
AXIOMTEK’s FIM (Flash in Module) series is designed into ATA protocol type
with compatible IDE standard interface based on flash memory technology. This
flash module is offered with various capacities ranging from 128MB up to16GB
and can operate under industrial temperature range goes from -40°C~85°C in
the harsh operating environments. The features of reliability, high performance,
cost-effective and easy-to-integrate designs make FIM series a perfect solution
over traditional storage devices.
Specifications
General Specification
Capacity
128MB~16GB
Interface
40pin/44pin IDE/ATA
IDE Transfer Mode
PIO Mode 0-4/MwDMA Mode 0-2/UDMA 0-2 Mode
Sustained Speed Rate
128MB~512M : Read: 10MB/sec ; Write: 10MB/sec
1GB~16GB : Read: 20MB/sec ; Write: 11MB/sec
Environmental Specification
Operating Temperature
0˚C~70˚C (14°F ~158°F) (standard temp.)
-40˚C~85˚C (-40 °F ~185°F) (industrial temp.)
Storage Temperature
-55˚C~125˚C (-67°F ~ 257°F)
Humidity
10%~95% non-condensing
Vibration
5G(7~2000Hz)
Shock
50G/10ms
System Reliability
ECC technology
High reliability based on the internal ECC function
MTBF
>3,000,000 hours
R/W Endurance
2,000,000 times
Wear-leveling
Support
Power Requirment
DC Input Voltage
+3.3V/+5V single power supply operation
Power Mode
Auto stand-by and sleep mode
Power Consumption
150mA(max.)
Physical Specification
Enclosure Material
PC Mechanical Cover and UL-94
Dimensions
40-pin: 60.2 x 27.8 x 6.4mm (W x H x L)
44-pin: 50.3 x 27.3 x 5.8mm (W x H x L)
Features
IDE/ATA standard interface
Capacity: 128MB to 16GB
Master/slave switch selectable
Suitable for high demanding applications
Well performed under harsh operating environment and industrial
temperatures
Anti-vibration & shock resistance
Data integrity with Error Detection Code/Error Correction Code
(EDC/ECC)
Perfect replacement of hard drive, compatible with IDE/ATA 40-pin
and 44-pin
High operating reliability & durability
Low power consumption
Fully compatible with devices and OS
Ordering Information
Models
(standard temp.)
Models
(industrial temp.)
IDE
interface
Capacity
FIM128V40-60
FIM128V40-66
40 PIN
128MB
FIM256V40-60
FIM256V40-66
40 PIN
256MB
FIM512V40-60
FIM512V40-66
40 PIN
512MB
FIM01GV40-60
FIM01GV40-66
40 PIN
1GB
FIM02GV40-60
FIM02GV40-66
40 PIN
2GB
FIM04GV40-60
FIM04GV40-66
40 PIN
4GB
FIM08GV40-60
FIM08GV40-66
40 PIN
8GB
FIM16GV40-60
FIM16GV40-66
40 PIN
16GB
FIM128V44-60
FIM128V44-66
44 PIN
128MB
FIM256V44-60
FIM256V44-66
44 PIN
256MB
FIM512V44-60
FIM512V44-66
44 PIN
512MB
FIM01GV44-60
FIM01GV44-66
44 PIN
1GB
FIM02GV44-60
FIM02GV44-66
44 PIN
2GB
FIM04GV44-60
FIM04GV44-66
44 PIN
4GB
FIM08GV44-60
FIM08GV44-66
44 PIN
8GB
FIM16GV44-60
FIM16GV44-66
44 PIN
16GB
FIM-60 Series
Flash in Module
IDE 40pin Flash Module
IDE 44pin Flash Module


Similar Part No. - FIM-60

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FIM128M40VSC1T AXIOMTEK-FIM128M40VSC1T Datasheet
455Kb / 1P
   IDE/ATA standard interface
FIM256M40VSC1T AXIOMTEK-FIM256M40VSC1T Datasheet
455Kb / 1P
   IDE/ATA standard interface
FIM512M40VSC1T AXIOMTEK-FIM512M40VSC1T Datasheet
455Kb / 1P
   IDE/ATA standard interface
FIM AXIOMTEK-FIM_17 Datasheet
455Kb / 1P
   IDE/ATA standard interface
More results

Similar Description - FIM-60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
logo
Prosoft-Technology
MVI94-MCM-MHI PROSOFT-MVI94-MCM-MHI Datasheet
236Kb / 2P
   Modbus Master/Slave Communication Module
MVI56E-MCM PROSOFT-MVI56E-MCM Datasheet
483Kb / 4P
   Modbus Master/Slave Communication Module
logo
ATMEL Corporation
ATA6622C ATMEL-ATA6622C_14 Datasheet
1Mb / 29P
   Master and slave operation possible
logo
Prosoft-Technology
MVI56-MCM PROSOFT-MVI56-MCM Datasheet
429Kb / 3P
   Modbus Master/Slave Communication Module
MVI94-MCM PROSOFT-MVI94-MCM Datasheet
236Kb / 2P
   Modbus Master/Slave Communication Module
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176 Datasheet
97Kb / 4P
   Hex D Master-Slave Flip-Flop
1996 REV 5
logo
Logic Fruit Technologie...
CPRI-IP LFTECH-CPRI-IP Datasheet
319Kb / 3P
   Master and Slave RTL IP Core
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com