Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3551MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3551MPBF
Description  The IR3551 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3551MPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3551MPBF Datasheet HTML 1Page - International Rectifier IR3551MPBF Datasheet HTML 2Page - International Rectifier IR3551MPBF Datasheet HTML 3Page - International Rectifier IR3551MPBF Datasheet HTML 4Page - International Rectifier IR3551MPBF Datasheet HTML 5Page - International Rectifier IR3551MPBF Datasheet HTML 6Page - International Rectifier IR3551MPBF Datasheet HTML 7Page - International Rectifier IR3551MPBF Datasheet HTML 8Page - International Rectifier IR3551MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
September 10, 2012 | FINAL DATASHEET
1
IR3551
50A Integrated PowIRstage®
FEATURES
 Peak efficiency up to 94.5% at 1.2V
 Integrated driver, control MOSFET, synchronous
MOSFET and Schottky diode
 Input voltage (VIN) operating range up to 15V
 Output voltage range from 0.25V up to 3.3V
 Output current capability of 50A DC
 Operation up to 1.0MHz
 Integrated current sense amplifier
 VCC under voltage lockout
 Thermal flag
 Body-Braking® load transient support
 Diode-emulation high efficiency mode
 Compatible with 3.3V PWM logic and VCC tolerant
 Compliant with Intel DrMOS V4.0
 PCB footprint compatible with IR3550 and IR3553
 Efficient dual sided cooling
 Small 5mm x 6mm x 0.9mm PQFN package
 Lead free RoHS compliant package
APPLICATIONS
 Voltage Regulators for CPUs, GPUs, and DDR
memory arrays
 High current, low profile DC-DC converters
BASIC APPLICATION
SW
PWM
VIN
PGND
VCC
VCC
BOOST
VIN
VOUT
PWM
CSIN+
CSIN-
4.5V to 7V
LGND
IOUT
IOUT
BBRK#
BBRK#
REFIN
REFIN
4.5V to 15V
IR3551
PHSFLT#
PHSFLT#
Figure 1: IR3551 Basic Application Circuit
DESCRIPTION
The IR3551 integrated PowIRstage® is a synchronous buck
gate driver co-packed with a control MOSFET and a
synchronous MOSFET with integrated Schottky diode. It is
optimized internally for PCB layout, heat transfer and
driver/MOSFET timing. Custom designed gate driver and
MOSFET combination enables higher efficiency at lower
output voltages required by cutting edge CPU, GPU and
DDR memory designs.
Up to 1.0MHz
switching
frequency enables high
performance transient response, allowing miniaturization
of output inductors, as well as input and output capacitors
while maintaining industry leading efficiency. The IR3551’s
superior efficiency enables smallest size and lower solution
cost. The IR3551 PCB footprint is compatible with the
IR3550 (60A) and the IR3553 (40A).
Integrated current sense amplifier achieves superior
current sense accuracy and signal to noise ratio vs. best-in-
class controller based Inductor DCR sense methods.
The IR3551 incorporates the Body-Braking® feature which
enables reduction of output capacitors. Synchronous diode
emulation mode in the IR3551 removes the zero-current
detection burden from the PWM controller and increases
system light-load efficiency.
The IR3551 is optimized specifically for CPU core power
delivery in server applications. The ability to meet the
stringent requirements of the server market also makes
the IR3551 ideally suited to powering GPU and DDR
memory designs and other high current applications.
Figure 2: Typical IR3551 Efficiency & Power Loss (See Note 2 on Page 8)
75
77
79
81
83
85
87
89
91
93
95
0
5
10
15
20
25
30
35
40
45
50
Output Current (A)
0
2
4
6
8
10
12
14
16
18
20


Similar Part No. - IR3551MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3551 IRF-IR3551 Datasheet
926Kb / 22P
   50A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
   50A Integrated PowIRstage
More results

Similar Description - IR3551MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3558 IRF-IR3558 Datasheet
796Kb / 21P
   The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
logo
Texas Instruments
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
logo
Rohm
PV9121 ROHM-PV9121 Datasheet
695Kb / 3P
   60 A, Integrated Digital Synchronous Buck Regulator with Auto-Control
PV9122 ROHM-PV9122 Datasheet
624Kb / 3P
   60 A, Integrated VR13 Digital Synchronous Buck Regulator with Auto-Control
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com