Selected language     English  ▼


STX88831 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. STX88831
Description  SATA-150 supported
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXIOMTEK [Axiomtek Co., Ltd.]
Homepage  http://www.axiomtek.com/
Logo 

   
 1 page
background image
76
* All specifications and photos are subject to change without notice.
axiomtek.com
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-
boards
Slot
CPU
Cards
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
DDR2 SO-DIMM
LVDS
SATA
Rear view
STX88831
Intel
® Atom™ N270 STX SoM with Intel®
945GSE + ICH7M Chipset and Multiple I/O
Features
Intel
® Atom™ processor N270 1.6 GHz with FSB 533 MHz
Intel
® 945GSE + ICH7M chipset
DualView with different content & resolution
2 UARTs and 4 USB 2.0 supported
TTL/LVDS LCD supported
SATA-150 supported
I/O
Ordering Information
Packing List
MIO
1 x IDE; PATA-100 IDE
1 x FDD
1 x LPT; with SPP/EPP/ECP supported
1 x PS/2 keyboard
1 x PS/2 mouse
2 x UARTs
1 x IrDA (optional)
SATA
1 x SATA-150
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
1 port as 10/100Mbps supports Wake-on-LAN, PXE Boot
ROM with Realtek RTL8103EL
Audio
AC'97 link interface to baseboard for external Codec
USB
4 x USB 2.0
SMBus
N/A
Standard
STX88831VEA
(P/N: E388831100)
STX SoM with Intel
® Atom™ processor N270, VGA, LVDS,
10/100Mbps Ethernet, 2 UARTs
Quick installation guide, user's manual/utility CD, cable, SoM cooler
Features
System
CPU
Intel
® Atom™ processor N270 1.6 GHz onboard with
FSB 533 MHz
System Memory
1 x 200-pin SO-DIMM supports DDR2-400/533 max.
up to 2 GB
Chipset
Intel
® 945GSE + ICH7M
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
4 x 32-bit PCI bus master
16-bit ISA bus
Battery
N/A
Power Requirements
Intel
® Atom™ N270 @1.6 GHz, 1GB DDR2
Max. RMS: +5VSBV @ 43mA, +5V @ 2.34A, +3.3V @ 87mA
Size
96 x 90 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
DualView
Low Power
Fanless
Display
Chipset
Intel
® GMA 950 graphics core
Memory Size
Intel
® DVMT 3.0 compliant
Display Interface
1 x VGA
1 x TTL LCD; 18-bit as default through STX
interface connector to baseboard
1 x LVDS; 18/24-bit single/dual channel on module




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl