Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRD960G26 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DRD960G26
Description  Rectifier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRD960G26 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DRD960G26 Datasheet HTML 1Page - Dynex Semiconductor DRD960G26 Datasheet HTML 2Page - Dynex Semiconductor DRD960G26 Datasheet HTML 3Page - Dynex Semiconductor DRD960G26 Datasheet HTML 4Page - Dynex Semiconductor DRD960G26 Datasheet HTML 5Page - Dynex Semiconductor DRD960G26 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DRD960G34
4/6
www.dynexsemi.com
CURVES
Fig.2 Maximum forward characteristics
Fig.3 Dissipation curves
Fig.4 Surge (Non-Repetitive) Forward current vs time
Fig.5 Maximum (limit) transient thermal impedance-
junction to case
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
0.5
1.5
2.5
3.5
4.5
Instantaneous forward voltage,VF - (V)
Tj=175°C
0
200
400
600
800
1000
1200
1400
1600
0
200
400
600
800
1000
Mean on-state current, IT(AV) - (A)
1/2 wave
3 phase
6 phase
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
1
10
100
Number of cycles
Conditons:
Tcase=175°C
VR=0
Pulse width = 10ms
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.001
0.01
0.1
1
10
100
Time ( s )
Double side cooled


Similar Part No. - DRD960G26

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD960G26 DYNEX-DRD960G26 Datasheet
294Kb / 6P
   Rectifier Diode
More results

Similar Description - DRD960G26

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com