Electronic Components Datasheet Search |
|
PONA2122-4-DC-FC-02 Datasheet(PDF) 1 Page - Emcore Corporation |
|
PONA2122-4-DC-FC-02 Datasheet(HTML) 1 Page - Emcore Corporation |
1 / 4 page DATASHEET | JANUARY 2012 FIBER OPTICS | REV 2012.01 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Applications High Performance Supertrunking Links High Power Distribution Networks Redundanct Ring Architectures FTTx Networks. Features Full Functionality 1 RU EDFA Low Noise Figure (Typ < 5.5 dB) Total Input Power Range: -10 dBm to +12 dBM +14 dBm to +30 dBm Output Power Optional Internal Optical Power Splitters Standard RS-232 Communications Standard SNMP Communication (coming soon) Key Lock Switch Standard and Optional Gain Flatness (1530 nm – 1562 nm) VFD Panel Status Indicator Low Electrical Power Consumption Input/Output Isolation >40/40 dB Polarization Dependant Gain < 0.1 dB Polarization Mode Dispersion < 0.5 ps PONA 2100 Series Erbium Doped Fiber Amplifier The EMCORE PONA 2100 Series Erbium Doped Fiber Amplifier (EDFA) is an ideal building block for OEM system integrators. The family of PONA 2100 series EDFA’s is designed to meet the most demanding noise performance requirements of CATV applications, and performs all the functions required of an optical amplifier for system integration. PONA 2100 series EDFA’s provide optical isolation on the input and output of the gain block for stable, low noise operation. The input and output optical signal power levels are detected for monitoring and control. The input optical signal is amplified with active gain control for a constant output power level, or with active output power control for constant gain mode. The PONA 2100 series EDFA’s also provide monitors and associated alarms for all vital characteristics. The optical output of the PONA 2100 series EDFA’s can be split into multiple ports by an optional external splitter. General and Mechanical Specifications Property Requirement Comments Operating Wavelength 1532 ~ 1565 nm 1545 ~ 1565 nm PONA 2114 – PONA2127 PONA 2130 Operating Case Temperature -10 C to 55C Standard Storage Temperature -40 C to 85C Standard Operating Humidity 20% to 85% Non-condensing Voltage Supply Range 100 VAC to 240 VAC 50/60 Hz -36 to –60 V DC Standard Optional Optical Connectors SC/APC; SC/UPC; FC/APC; FC/UPC; E2000/APC User Specified Dimensions in Inches 19.0”W x 14.76”D x 1.72”H 19” Rack Mounted, 1U PONA 2100 Series |
Similar Part No. - PONA2122-4-DC-FC-02 |
|
Similar Description - PONA2122-4-DC-FC-02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |