Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2211S-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2211S-REEL7
Description  Low Distortion 1.5 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211S-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2211S-REEL7 Datasheet HTML 7Page - Analog Devices SSM2211S-REEL7 Datasheet HTML 8Page - Analog Devices SSM2211S-REEL7 Datasheet HTML 9Page - Analog Devices SSM2211S-REEL7 Datasheet HTML 10Page - Analog Devices SSM2211S-REEL7 Datasheet HTML 11Page - Analog Devices SSM2211S-REEL7 Datasheet HTML 12Page - Analog Devices SSM2211S-REEL7 Datasheet HTML 13Page - Analog Devices SSM2211S-REEL7 Datasheet HTML 14Page - Analog Devices SSM2211S-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SSM2211
REV. 0
–11–
To find the minimum supply voltage needed to achieve a speci-
fied maximum undistorted output power, simply use Figure 43.
For example, an application requires only 500 mW to be output
for an 8
Ω speaker. With the speaker connected in a bridged out-
put configuration, the minimum supply voltage required is 3.3 V.
Shutdown Feature
The SSM2211 can be put into a low power consumption shut-
down mode by connecting Pin 1 to 5 V. In shutdown mode, the
SSM2211 has an extremely low supply current of less than 10 nA.
This makes the SSM2211 ideal for battery powered applications.
Pin 1 should be connected to ground for normal operation.
Connecting Pin 1 to VDD will mute the outputs and put the
SSM2211 into shutdown mode. A pull-up or pull-down resistor
is not required. Pin 1 should always be connected to a fixed
potential, either VDD or ground, and never be left floating. Leav-
ing Pin 1 unconnected could produce unpredictable results.
Automatic Shutdown Sensing Circuit
Figure 44 shows a circuit that can be used to automatically take
the SSM2211 in and out of shutdown mode. This circuit can be
set to turn the SSM2211 on when an input signal of a certain
amplitude is detected. The circuit will also put the SSM2211
into its low-power shutdown mode once an input signal is not
sensed within a certain amount of time. This can be useful in a
variety of portable radio applications where power conservation
is critical.
SSM2211
VIN
VDD
C2
R5
R6
R1
R3
R2
D1
C1
R4
A2
R7
4
VDD
VDD
OP181
18
5
NOTE: ADDITIONAL PINS
OMITTED FOR CLARITY
R8
A1
Figure 44. Automatic Shutdown Circuit
The input signal to the SSM2211 is also connected to the non-
inverting terminal of A2. R1, R2, and R3 set the threshold volt-
age of when the SSM2211 will be taken out of shutdown mode.
D1 half-wave rectifies the output of A2, discharging C1 to
ground when an input signal greater than the set threshold volt-
age is detected. R4 controls the charge time of C1, which sets
the time until the SSM2211 is put back into shutdown mode af-
ter the input signal is no longer detected.
R5 and R6 are used to establish a voltage reference point equal
to half of the supply voltage. R7 and R8 set the gain of the
SSM2211. D1 should be a 1N914 or equivalent diode and A2
should be a rail-to-rail output amplifier, such as an OP181 or
equivalent. This will ensure that C1 will discharge sufficiently to
bring the SSM2211 out of shutdown mode.
To find the appropriate component values, first the gain of A2
must be determined by:
A
V
V
V MIN
SY
THS
,
=
(12)
Where, VSY is the single supply voltage and,
VTHS is the threshold voltage.
AV should be set to a minimum of 2 for the circuit to work prop-
erly. Next choose R1 and set R2 to:
RR
A
V
21 1
2
=−


(13)
Find R3 as:
R
RR
RR
A
V
3
12
12
1
=
×
+
()
(14)
C1 can be arbitrarily set, but should be small enough to not cause
A2 to become capacitively overloaded. R4 and C1 will control the
shutdown rate. To prevent intermittent shutdown with low
frequency input signals, the minimum time constant should be:
RC
f
LOW
41
10
×≥
(15)
Where, fLOW is the lowest input frequency expected.
Shutdown Circuit Design Example
In this example a portable radio application requires the
SSM2211 to be turned on when an input signal greater than
50 mV is detected. The device should return to shutdown mode
within 500 ms after the input signal is no longer detected. The
lowest frequency of interest is 200 Hz, and a +5 V supply is
being used.
The minimum gain of the shutdown circuit from Equation 12 is
AV = 100. R1 is set to 100 kΩ, and using Equation 13 and
Equation 14, R2 = 98 k
Ω and R3 = 4.9 MΩ. C1 is set to
0.01
µF, and based on Equation 15, R4 is set to 10 MΩ. To
minimize power supply current, R5 and R6 are set to 10 M
Ω.
The above procedure will provide an adequate starting point for
the shutdown circuit. Some component values may need to be
adjusted empirically to optimize performance.
Turn On Popping Noise
During power-up or release from shutdown mode, the midrail
bypass capacitor, CB, determines the rate at which the
SSM2211 starts up. By adjusting the charging time constant of
CB, the start-up pop noise can be pushed into the sub-audible
range, greatly reducing startup popping noise. On power-up, the
midrail bypass capacitor is charged through an effective resis-
tance of 25 k
Ω. To minimize start-up popping, the charging
time constant for CB should be greater than the charging time
constant for the input coupling capacitor, CC.
Ck
C R
BC
I
×Ω >
25
(16)


Similar Part No. - SSM2211S-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211S-REEL7 AD-SSM2211S-REEL7 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
More results

Similar Description - SSM2211S-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
   Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com