Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLU1-40-4AD Datasheet(PDF) 4 Page - SL Power Electronics

Part # FLU1-40-4AD
Description  OPEN-FRAME SWITCHING POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

FLU1-40-4AD Datasheet(HTML) 4 Page - SL Power Electronics

  FLU1-40-4AD Datasheet HTML 1Page - SL Power Electronics FLU1-40-4AD Datasheet HTML 2Page - SL Power Electronics FLU1-40-4AD Datasheet HTML 3Page - SL Power Electronics FLU1-40-4AD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
40W
L-Bracket
To order, change the part
number suffix from
AD to BD
or from
AC to BC.
1. Material is 0.036-inch cold-rolled
steel (20 AWG).
2. Finish is zinc and clear chromate
plating.
3. Dimensions are in inches.
4. Tolerances = 0.00 ±0.01
0.000 ±0.005
L-Bracket and Cover
To order full enclosure, change the part
number suffix from
AD to CD or from AC
to
CC.
1. Material is 0.036-inch cold-rolled steel (20 AWG).
2. Finish is zinc and clear chromate plating.
3. Dimensions are in inches.
4. Tolerances = 0.00 ±0.01
0.000 ±0.005
POWER SUPPLY ENCLOSURES
POWER GENERAL
152 Will Drive · Canton, MA 02021 USA · Phone 781-828-6216 · Fax 781-830-1155 · Email power@nidecpg.com
11


Similar Part No. - FLU1-40-4AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU1-40 SLPOWER-FLU1-40 Datasheet
381Kb / 4P
   40W SINGLE OUTPUT SWITCHING POWER SUPPLIES
More results

Similar Description - FLU1-40-4AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU50-60 SLPOWER-FLU50-60 Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com