Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDU1-40-2AD Datasheet(PDF) 1 Page - SL Power Electronics

Part # MDU1-40-2AD
Description  OPEN-FRAME SWITCHING POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MDU1-40-2AD Datasheet(HTML) 1 Page - SL Power Electronics

  MDU1-40-2AD Datasheet HTML 1Page - SL Power Electronics MDU1-40-2AD Datasheet HTML 2Page - SL Power Electronics MDU1-40-2AD Datasheet HTML 3Page - SL Power Electronics MDU1-40-2AD Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input Voltage .............................FLU and MDU models, universal
input range 85-265 VAC single
phase or 100-370 VDC. DC-input
models, 36-75 VDC (48V, nominal).
Input Line Frequency ................47-440 Hz (ac input models).
Input Line Protection .................MOV transient protected (FLU and
MDU series). Input line fuse provid-
ed on-board. (See Note 1.)
EMI Filter...................................Standard. Performance surpasses
conducted EMI requirements of
EN55022/FCC Class B by 10 dB, typ.
DC Output .................................See table. (Note 2.)
Continuous Output Power.........40W, maximum.
Leakage Current .......................MDU Series, non-patient contact rat-
ing: 500 µA, maximum.
Output Voltage Adjust ...............Primary output adjustable ±5%.
Auxiliary outputs fixed.
Efficiency...................................62-75%, typical (nominal input line
voltage, nominal load conditions).
Hold-Up Time ............................FLU and MDU models: 16 ms (115
VAC input), 32 ms (230 VAC input),
minimum, at full load
Overload Protection ..................Power-limit circuit.
Short-Circuit Protection.............Continuous.
Over-Voltage Protection............Primary output only.
Soft Start ...................................Standard on all models.
Design Topology .......................Flyback converter with current-mode
control.
Frequency of Operation ............40 kHz (fixed).
Hi-Pot Isolation..........................FLU Series: 5300 VDC, input-to-out-
put for one minute. (Note 3.)
MDU Series: 5700 VDC, input-to-out-
put for one minute. (Note 3.)
Noise, Ripple and Spike ...........1% peak-to-peak, maximum. (See
Note 5.)
Temperature Range ..................-20°C to +70°C.
Output Power De-Rating...........De-rate output power and current
linearly 2%/°C from +50°C to +70°C.
Temperature Coefficient ............±0.05%/°C over the entire operating
temperature range.
Relative Humidity ......................0 to 95%, non-condensing.
Altitude ......................................0 to 10,000 feet.
Cooling ......................................Convection cooling is adequate.
Moving air is recommended for oper-
ation in a confined area.
Storage Temperature ................-40°C to +85°C.
Storage Humidity ......................0 to 95%, non-condensing.
Mean Time Between Failures ...>200,000 hours. (Note 6.)
CHARACTERISTICS
40W
OPEN-FRAME SWITCHING POWER SUPPLIES
Single, Dual and Triple Output Models
Universal AC-Input and DC-Input Models
CE Mark: UL/CSA/EN60950 Approvals
BABT Approvals
Austel CCL Certification
Models with UL544/CSA C22.2-601/EN60-601
Medical Safety Approvals
EN55022/FCC Class B Input Line Filter
0% Minimum Load Requirement
Over-Current/Short-Circuit Protection
2-Year Warranty
Minimum 200,000-Hour MTBF
Output Current
Output
Output Voltage Min. Nom. Max. Voltage Line Load Cross-
Model
Output (V)
(A)
(A)
(A)
Tol.
Reg.
Reg. Reg.
AC-DC Singles
85-265 VAC Input
FLU1-40-1AD
V1
5
0.0
8.00
8.00
1.0%
0.1% 0.2%
FLU1-40-2AD
V1
9
0.0
4.40
4.40
1.0%
0.1% 0.2%
FLU1-40-3AD
V1
12
0.0
3.30
3.30
1.0%
0.1% 0.2%
FLU1-40-4AD
V1
15
0.0
2.70
2.70
1.0%
0.1% 0.2%
FLU1-40-5AD
V1
24
0.0
1.70
1.70
1.0%
0.1% 0.2%
FLU1-40-6AD
V1
28
0.0
1.40
1.40
1.0%
0.1% 0.2%
AC-DC Singles
To UL544/EN60-601/CSA 22.2-601.1
MDU1-40-1AD
V1
5
0.0
8.00
8.00
1.0%
0.1% 0.2%
MDU1-40-2AD
V1
9
0.0
4.40
4.40
1.0%
0.1% 0.2%
MDU1-40-3AD
V1
12
0.0
3.30
3.30
1.0%
0.1% 0.2%
MDU1-40-4AD
V1
15
0.0
2.70
2.70
1.0%
0.1% 0.2%
MDU1-40-5AD
V1
24
0.0
1.70
1.70
1.0%
0.1% 0.2%
MDU1-40-6AD
V1
28
0.0
1.40
1.40
1.0%
0.1% 0.2%
AC-DC Duals
85-265 VAC Input
FLU2-40-1AD
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+12
0.0
2.00
3.00
5.0%
0.5% 3.0% 4.0%
FLU2-40-2AD
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+15
0.0
1.70
2.00
5.0%
0.5% 3.0% 4.0%
FLU2-40-3AD
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+24
0.0
1.00
1.50
5.0%
0.5% 3.0% 4.0%
FLU2-40-4AD
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+28
0.0
1.00
1.00
5.0%
0.5% 3.0% 4.0%
FLU2-40-5AD
V1
5(ISO)
0.0
6.00
6.00
1.0%
0.2% 1.0%
V2
5(ISO)
0.0
2.00
2.00
3.0%
0.5% 1.0% 1.0%
FLU2-40-6AD
V1 12(ISO)
0.0
2.00
3.00
1.0%
0.2% 1.0%
V2 12(ISO)
0.0
1.00
2.00
3.0%
0.5% 1.0% 1.0%
FLU2-40-7AD
V1 15(ISO)
0.0
1.50
2.50
1.0%
0.2% 1.0%
V2 15(ISO)
0.0
1.20
2.00
3.0%
0.5% 1.0% 1.0%
AC-DC Duals
To UL544/EN60-601/CSA 22.2-601.1
MDU2-40-1AD
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+12
0.0
2.00
3.00
5.0%
0.5% 3.0% 4.0%
MDU2-40-2AD
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+15
0.0
1.70
2.00
5.0%
0.2% 3.0% 4.0%
MDU2-40-3AD
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+24
0.0
1.00
1.50
5.0%
0.2% 3.0% 4.0%
MDU2-40-4AD
V1
+5
0.0
3.00
5.00
1.0%
0.2% 1.0%
V2
+28
0.0
1.00
1.00
5.0%
0.5% 3.0%
4.0
POWER GENERAL
152 Will Drive · Canton, MA 02021 USA · Phone 781-828-6216 · Fax 781-830-1155 · Email power@nidecpg.com
08


Similar Part No. - MDU1-40-2AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MDU1-50-1AD SLPOWER-MDU1-50-1AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-50-2AD SLPOWER-MDU1-50-2AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-50-3AD SLPOWER-MDU1-50-3AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-50-4AD SLPOWER-MDU1-50-4AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
MDU1-50-5AD SLPOWER-MDU1-50-5AD Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results

Similar Description - MDU1-40-2AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU50-60 SLPOWER-FLU50-60 Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com