Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRD4350A36 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DRD4350A36
Description  Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DRD4350A36 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DRD4350A36 Datasheet HTML 1Page - Dynex Semiconductor DRD4350A36 Datasheet HTML 2Page - Dynex Semiconductor DRD4350A36 Datasheet HTML 3Page - Dynex Semiconductor DRD4350A36 Datasheet HTML 4Page - Dynex Semiconductor DRD4350A36 Datasheet HTML 5Page - Dynex Semiconductor DRD4350A36 Datasheet HTML 6Page - Dynex Semiconductor DRD4350A36 Datasheet HTML 7Page - Dynex Semiconductor DRD4350A36 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DRD4350A40
Rectifier Diode
DS5985-1 January 2011 (LN28006)
1/8
www.dynexsemi.com
FEATURES
Double Side Cooling
High Surge Capability
APPLICATIONS
Rectification
Free-wheel Diode
DC Motor Control
Power Supplies
Welding
Battery Chargers
VOLTAGE RATINGS
Part and
Ordering
Number
Repetitive Peak
Voltages
VDRM and VDRM
V
Conditions
DRD4350A40
DRD4350A39
DRD4350A38
DRD4350A37
DRD4350A36
DRD4350A35
4000
3900
3800
3700
3600
3500
VRSM = VRRM+100V
Lower voltage grades available.
ORDERING INFORMATION
When ordering, select the required part number
shown in the Voltage Ratings selection table.
For example:
DRD4350A39
Note: Please use the complete part number when ordering
and quote this number in any future correspondence
relating to your order.
KEY PARAMETERS
VRRM
4000V
IF(AV)
4346A
IFSM
83000A
Outline type code: A
(See Package Details for further information)
Fig. 1 Package outlines


Similar Part No. - DRD4350A36

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DRD4350A36 DYNEX-DRD4350A36 Datasheet
376Kb / 8P
   Rectifier Diode
More results

Similar Description - DRD4350A36

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com