Electronic Components Datasheet Search |
|
GPM55D Datasheet(PDF) 1 Page - SL Power Electronics |
|
GPM55D Datasheet(HTML) 1 Page - SL Power Electronics |
1 / 2 page 41-32494-0001 REV. L SL POWER ELECTRONICS CORP. 6050 King Drive, Bdlg A Ventura, CA 93003 + 805-486-4565 Internet: www.slpower.com RATINGS Input: 100-240 VAC, 1.7 A, 50/60 Hz Outputs: 55 Watts Maximum Continuous Power - Total of all Outputs. Model Output #1 Isc Output #2 Isc Output #3 Isc Output #4 Isc G P M 5 5 A + 5 V D C 6 A 4 A + 1 2 V D C 3 A 4 A + 1 2 V D C 1 A 3 A -1 2 V D C 1 A 3 A G P M 5 5 B + 5 V D C 6 A 4 A + 1 2 V D C 3 A 4 A -5 V D C 1 A 3 A -1 2 V D C 1 A 3 A G P M 5 5 C + 5 V D C 6 A 4 A + 1 5 V D C 3 A 4 A -5 V D C 1 A 3 A -1 5 V D C 1 A 3 A G P M 5 5 D + 5 V D C 6 A 4 A + 2 4 V D C 1 . 5 A 2 A + 1 2 V D C 1 A 3 A -1 2 V D C 1 A 3 A G P M 5 5 E + 5 V D C 6 A 4 A + 2 4 V D C 1 . 5 A 2 A + 1 5 V D C 1 A 3 A -1 5 V D C 1 A 3 A G P M 5 5 F + 5 V D C 6 A 4 A + 1 2 V D C 3 A 2 A + 1 5 V D C 1 A 3 A -1 5 V D C 1 A 3 A G P M 5 5 -5 5 V D C 1 1 A 5 A Notes: G P M 5 5 -1 2 1 2 V D C 4 . 7 A 2 A 1. Isc = Maximum output short circuit current. G P M 5 5 -1 5 1 5 V D C 3 . 7 A 2 A 2. Maximum ambient temperature for continuous output power of 55W is 50°C. G P M 5 5 -2 4 2 4 V D C 2 . 3 A 1 A 3. Maximum Relative Humidity 96%, no condensation. G P M 5 5 -2 8 2 8 V D C 2 . 0 A 1 A SAFETY DECLARATION: SL Power Electronics Corp. (SLPE) declares under our sole responsibility that all models listed above are in conformity with the applicable requirements of EN60950-1 following the provisions of the Low Voltage Directive 2006/95/EC. All models are Certified to be in compliance with the applicable requirements of CSA 22.2 No. 234 (Level 3) (with additional tests to C22.2 No 601.1-M90 per T.I.L. CA-08), EN/IEC/UL 60601-1. CLASSIFICATION: (5.1) Protection against electric shock = Class I (In accordance with sub- (5.2) Degree of protection against electric shock = Signal output or intermediate clause 5 of IEC 60601-1) (5.3) Protection against harmful ingress of water = Ordinary (no protection) (5.5) Have not been evaluated for use in the presence of a flammable anaesthetic mixture with air, oxygen, or nitrous oxide. This evaluation is made on the end equipment by the OEM. (5.6) Mode of operation = Continuous CAUTION: When performing Dielectric Strength Tests, catastrophic failure of the unit may result if a Dielectric Strength test voltage greater than 1800 Vac is applied between primary and secondary circuits. The components providing isolation from primary to secondary cannot be tested while installed in the power supply without overstressing basic (primary to ground) insulation. All isolating components are individually 100% tested at 4800 Vac prior to installation. ISOLATION: The creepage distance between primary and ground is 4 mm minimum; between primary and secondary circuits is 8 mm minimum. Secondary to ground creepage is not defined or controlled. The output common is bypassed to ground using a 0.01µF 1KV capacitor. The required creepage and clearance distances from primary circuits to ground and secondary circuits must be maintained after installation to preserve the intended safety. GROUNDING: The Protective Earth (ground) terminal J1, pin 1 and all of the pads around the mounting holes must be bonded to Protective Earth in the host equipment. Metallic spacers should be used to mount supply to metal surfaces. When mounting to non-metallic surfaces, connect all mounting pads together and bond to earth. Using the Protective Earth terminal on the supply for grounding the host equipment is not recommended. A separate dedicated grounding point should be used. OUTPUTS: All output commons should be connected to Protective Earth in the end application. The output(s) are intended for Protectively Earthed Signal Output and Intermediate Circuits only. The output(s) are not acceptable for patient connection without additional isolation. All DC outputs are SELV under normal and single fault conditions. GPM55 SERIES INSTALLATION INSTRUCTIONS |
Similar Part No. - GPM55D |
|
Similar Description - GPM55D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |