Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPM55F Datasheet(PDF) 1 Page - SL Power Electronics

Part # GPM55F
Description  55 Watts Maximum Continuous Power - Total of all Outputs.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPM55F Datasheet(HTML) 1 Page - SL Power Electronics

  GPM55F Datasheet HTML 1Page - SL Power Electronics GPM55F Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
41-32494-0001 REV. L
SL POWER ELECTRONICS CORP.
6050 King Drive, Bdlg A
Ventura, CA 93003 + 805-486-4565
Internet: www.slpower.com
RATINGS
Input: 100-240 VAC, 1.7 A, 50/60 Hz
Outputs: 55 Watts Maximum Continuous Power - Total of all Outputs.
Model
Output #1
Isc
Output #2
Isc
Output #3
Isc
Output #4
Isc
G P M 5 5 A
+ 5 V D C 6 A
4 A
+ 1 2 V D C 3 A
4 A
+ 1 2 V D C 1 A
3 A
-1 2 V D C 1 A
3 A
G P M 5 5 B
+ 5 V D C 6 A
4 A
+ 1 2 V D C 3 A
4 A
-5 V D C 1 A
3 A
-1 2 V D C 1 A
3 A
G P M 5 5 C
+ 5 V D C 6 A
4 A
+ 1 5 V D C 3 A
4 A
-5 V D C 1 A
3 A
-1 5 V D C 1 A
3 A
G P M 5 5 D
+ 5 V D C 6 A
4 A
+ 2 4 V D C 1 . 5 A
2 A
+ 1 2 V D C 1 A
3 A
-1 2 V D C 1 A
3 A
G P M 5 5 E
+ 5 V D C 6 A
4 A
+ 2 4 V D C 1 . 5 A
2 A
+ 1 5 V D C 1 A
3 A
-1 5 V D C 1 A
3 A
G P M 5 5 F
+ 5 V D C 6 A
4 A
+ 1 2 V D C 3 A
2 A
+ 1 5 V D C 1 A
3 A
-1 5 V D C 1 A
3 A
G P M 5 5 -5
5 V D C 1 1 A
5 A
Notes:
G P M 5 5 -1 2
1 2 V D C 4 . 7 A
2 A
1.
Isc = Maximum output short circuit current.
G P M 5 5 -1 5
1 5 V D C 3 . 7 A
2 A
2.
Maximum ambient temperature for continuous output power of 55W is 50°C.
G P M 5 5 -2 4
2 4 V D C 2 . 3 A
1 A
3.
Maximum Relative Humidity 96%, no condensation.
G P M 5 5 -2 8
2 8 V D C 2 . 0 A
1 A
SAFETY DECLARATION:
SL Power Electronics Corp. (SLPE) declares under our sole responsibility
that all models listed above are in conformity with the applicable requirements of EN60950-1 following the
provisions of the Low Voltage Directive 2006/95/EC. All models are Certified to be in compliance with the
applicable requirements of CSA 22.2 No. 234 (Level 3) (with additional tests to C22.2 No 601.1-M90 per
T.I.L. CA-08), EN/IEC/UL 60601-1.
CLASSIFICATION:
(5.1) Protection against electric shock = Class I
(In accordance with sub-
(5.2) Degree of protection against electric shock = Signal output or intermediate
clause 5 of IEC 60601-1)
(5.3) Protection against harmful ingress of water = Ordinary (no protection)
(5.5) Have not been evaluated for use in the presence of a flammable anaesthetic mixture with
air, oxygen, or nitrous oxide. This evaluation is made on the end equipment by the OEM.
(5.6) Mode of operation = Continuous
CAUTION: When performing Dielectric Strength Tests, catastrophic failure of the unit may result if a Dielectric Strength
test voltage greater than 1800 Vac is applied between primary and secondary circuits. The components providing isolation
from primary to secondary cannot be tested while installed in the power supply without overstressing basic (primary to
ground) insulation. All isolating components are individually 100% tested at 4800 Vac prior to installation.
ISOLATION:
The creepage distance between primary and ground is 4 mm minimum; between primary and secondary
circuits is 8 mm minimum. Secondary to ground creepage is not defined or controlled. The output common is bypassed to
ground using a 0.01µF 1KV capacitor. The required creepage and clearance distances from primary circuits to ground and
secondary circuits must be maintained after installation to preserve the intended safety.
GROUNDING:
The Protective Earth (ground) terminal J1, pin 1 and all of the pads around the mounting holes must be
bonded to Protective Earth in the host equipment. Metallic spacers should be used to mount supply to metal surfaces. When
mounting to non-metallic surfaces, connect all mounting pads together and bond to earth. Using the Protective Earth terminal
on the supply for grounding the host equipment is not recommended. A separate dedicated grounding point should be used.
OUTPUTS: All output commons should be connected to Protective Earth in the end application. The output(s) are intended
for Protectively Earthed Signal Output and Intermediate Circuits only. The output(s) are not acceptable for patient connection
without additional isolation. All DC outputs are SELV under normal and single fault conditions.
GPM55 SERIES
INSTALLATION INSTRUCTIONS


Similar Part No. - GPM55F

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM55F SLPOWER-GPM55F Datasheet
296Kb / 2P
   55 Watt Global Performance Switchers
GPM55F SLPOWER-GPM55F Datasheet
296Kb / 2P
   GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GPM55F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS41 ARTESYN-LPS41 Datasheet
589Kb / 3P
   Total Power: 40 - 55 Watts
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
   Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
   Total Power: 55 - 60 Watts
LPT51-M ARTESYN-LPT51-M Datasheet
674Kb / 3P
   Total Power: 47 - 55 Watts
NPT42-M ARTESYN-NPT42-M Datasheet
646Kb / 3P
   Total Power: 45 - 55 Watts
LPT51 ARTESYN-LPT51 Datasheet
678Kb / 3P
   Total Power: 47 - 55 Watts
LPT41 ARTESYN-LPT41 Datasheet
1Mb / 4P
   Total Power: 44 - 55 Watts
logo
Astec America, Inc
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
   Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
   Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
APA100 ASTEC-APA100 Datasheet
1Mb / 2P
   Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com