Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPM55-24 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GPM55-24
Description  55 Watts Maximum Continuous Power - Total of all Outputs.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GPM55-24 Datasheet(HTML) 2 Page - SL Power Electronics

  GPM55-24 Datasheet HTML 1Page - SL Power Electronics GPM55-24 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
41-32494-0001 REV. L
OVERVOLTAGE PROTECTION: Only output #1 is monitored for an overvoltage condition. The trip-point for a 5 volt
output is 5.6 to 6.8 volts. In some applications where an overvoltage condition could result in a hazard as defined in
applicable safety standards, redundant or additional overvoltage protection may be required. Consult factory for details.
TEMPERATURES: The maximum operating temperatures of certain safety components, as defined in the applicable safety
standards, must not be exceeded after installation to preserve the intended safety. The output power, ambient air temperature
and the availability, amount, direction and/or restriction of airflow influence the temperatures of these components.
OVERCURRENT PROTECTION: The internal fuse is located in the phase lead only. EN 60601-1 requires that both
supply leads (phase and neutral) be protected against overcurrent. Complete overcurrent protection must be provided in the
host equipment. Fuse ratings must not exceed that specified for the internal fuse, must meet the requirements of EN 60601-1
and be acceptable for the country in which the host equipment is to be installed.
WARNING! RISK OF FIRE! A blown internal fuse is an indication of catastrophic failure of circuit component(s). Repair
must be performed by SLPE authorized personnel. Refer to fuse marking on the supply for rating.
WARNING! SHOCK HAZARD! Dangerous voltages are present on some components, printed wiring traces and heatsinks.
Attention, Consult
Accompanying Documents
Alternating Current
Attention, Dangerous Voltages
Protective Earth (Ground)
EXPLANATION OF SYMBOLS
C O N N E C T I O N S
J1 AC Input
J2 Multi-Output Models
J2 Single Output Models
Mating Connectors
1) Ground
1) Output 2 (+) 6) Common
1) Output 1 (+) 6) Common
Amp Contact 770522-1
3) Neutral
2) Output 2 (+) 7) Common
2) Output 1 (+) 7) Common
J1 Amp Housing 640250-5
5) Line
3) Output 1 (+) 8) Output 4 (-)
3) Output 1 (+) 8) N/C
J2 Amp Housing 640250-9
4) Output 1 (+) 9) Output 3 (+/-) 4) Output 1 (+) 9) N/C
5) Common
5) Common
CAUTION: Do not exceed 5 Amps per pin on J2.
SLPE will not be liable for the safety, reliability or performance of these power supplies if a) any changes, modifications or repairs are
carried out by other than authorized agents of SLPE, or b) the installation of the supply is not in accordance with these installation
instructions and the applicable UL, CSA, IEC and/or EN safety standards.


Similar Part No. - GPM55-24

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM55-24 SLPOWER-GPM55-24 Datasheet
296Kb / 2P
   55 Watt Global Performance Switchers
GPM55-24 SLPOWER-GPM55-24 Datasheet
296Kb / 2P
   GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GPM55-24

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS41 ARTESYN-LPS41 Datasheet
589Kb / 3P
   Total Power: 40 - 55 Watts
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
   Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
   Total Power: 55 - 60 Watts
LPT51-M ARTESYN-LPT51-M Datasheet
674Kb / 3P
   Total Power: 47 - 55 Watts
NPT42-M ARTESYN-NPT42-M Datasheet
646Kb / 3P
   Total Power: 45 - 55 Watts
LPT51 ARTESYN-LPT51 Datasheet
678Kb / 3P
   Total Power: 47 - 55 Watts
LPT41 ARTESYN-LPT41 Datasheet
1Mb / 4P
   Total Power: 44 - 55 Watts
logo
Astec America, Inc
AEQ15 ASTEC-AEQ15 Datasheet
61Kb / 2P
   Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
AEH60 ASTEC-AEH60 Datasheet
506Kb / 2P
   Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
APA100 ASTEC-APA100 Datasheet
1Mb / 2P
   Total Power: 1200 Watts, Input Voltages: 85-265 VAC, No. of Outputs: Single
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com