Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLC40-28G Datasheet(PDF) 1 Page - SL Power Electronics

Part # GLC40-28G
Description  40 WATT GLOBAL PERFORMANCE LOW COST SWITCHERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC40-28G Datasheet(HTML) 1 Page - SL Power Electronics

  GLC40-28G Datasheet HTML 1Page - SL Power Electronics GLC40-28G Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLC40 Commercial
Ac Input
90-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated output load not to
exceed 1.3 A.
Output Power
Normal continuous output power is 40 W for unrestricted natural convec-
tion cooling, 45 W peak for 60 seconds. During peak load conditions output
regulation may exceed total regulation and noise limits.
Output Regulation
Regulation for multiple-output models measured by ±40% load change from
60% rated load with all other outputs at 60% full rated load and a line volt-
age change from low line to high line. Initial set tolerance is measured with
all outputs at 60% of full rated load. Output voltage V1 requires 1 A load for
proper regulation of multiple output models. Regulation for single-output
models measured by changing from 5% to 50% load or 50% load to full load
in either direction.
Power Limit
Factory set to begin power limiting at approximately 55 W. Fully protected
against short circuit and output overload. Short circuit protection is cycling
type power limit.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, mode. Measured with noise probe
terminals of the power supply.
Transient Response
Main Output: 500 μs typical response time for return to within 0.5% of final
value for a 50% load step change, ∆i/ ∆t<0.2 A/μs. Maximum voltage devia-
tion is 3.5%. Startup/ shutdown overshoot less than 3%.
Overvoltage Protection
Built in on V1 with firing point set per table. OVP firing reduces output #1 and
#2 to less than 50% of nominal voltage in 50 ms.
40 WATT GLOBAL PERFORMANCE LOW COST SWITCHERS
• Cost-effective power source
• Universal input 90-264 Vac
• 2-year warranty
• Single and multiple outputs
• Overload and overvoltage protection
• Built-in EMI filter
• UL1950, CSA-C22.2 No. 234 Level 3,
IEC950 and EN60950
• Operation at no-load (single output models)
• RoHS Compliant (with G suffix)
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
Features:
SPECIFICATIONS
marked to LVD
Voltage Setting
Factory set on standard units with fixed resistors for added reliability. 3.3 V unit
has voltage adjustment pot.
Efficiency
70% typical depending on model.
Turn-on Time
Less than 1 second at 120 Vac, 25°C (inversely proportional to input voltage and
thermistor temperature).
Input Protection
Internal ac fuse provided on all units. Designed to blow only if a catastrophic
failure occurs in the unit. Fuse does not blow on overload or short circuit.
Inrush Current
Inrush limited by internal thermistors. Inrush at 240 Vac, averaged over the first ac
half-cycle under cold start conditions will not exceed 37 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions
requirements:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
EN55022 Class A; FCC Class A
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
Safety
All GLC40 models are approved to UL1950, CSA-C22.2 No.
234 Level 3, IEC950 and EN60950. Class I input.


Similar Part No. - GLC40-28G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLC47010 ETC2-GLC47010 Datasheet
135Kb / 12P
   SURFCOIL SMT INDUCTORS
More results

Similar Description - GLC40-28G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
GPC200 SLPOWER-GPC200 Datasheet
180Kb / 2P
   200 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com