Selected language     English  ▼


H-XPD-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part No. H-XPD-2W
Description  5.2 KVISOLATED 2WREGULATED SINGLE OUTPUT DIP24 Converters
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 1 page
background image
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
Order code
INPUT
VOLTAGE
(VDC)
Nominal
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY
FULL LOAD
(% TYP.)
H0505XPD-2W
5
50
615
5
400
65
H0509XPD-2W
5
47
545
9
200
66
H1205XPD-2W
12
40
252
5
400
66
H1209XPD-2W
12
38
220
9
200
68
H1212XPD-2W
12
35
245
12
167
68
H2405XPD-2W
24
16
128
5
400
65
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
H
H
H
H
H
H
H
H
05
05
05
05
05
05
05
05
05
05
05
05
--------X
X
X
X
X
X
X
X
PD
PD
PD
PD
PD
PD
PD
PD
--------2W
2W
2W
2W
2W
2W
2W
2W(400)
(400)
(400)
(400)
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤DIP24 Package Style
⑥Rated Power(Output current)
Electrical
Electrical
Electrical
Electrical
Electrical
Electrical
Electrical
Electrical Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage range
+/- 10 %
Filter
Pi Network
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation
Isolation Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Rated voltage
5200 Vdc
Leakage current
1 mA
Resistance
109Ohm
Capacitance
60 pF typ.
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage accuracy
+/- 2 %, max.
Ripple and noise (at 20 MHz BW)
75 mV p-p, max.
Short circuit protection
Continuous , restart automatic
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 0,5 % max.
Temperature coefficient
+/- 0,02 % / ℃
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Efficiency
65 % to 85 %
Switching frequency
125 KHz, typ.
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental
Environmental Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Operating temperature (ambient)
-40℃ to +85℃
Storage temperature
- 55℃ to + 125℃
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical
Physical
Physical
Physical
Physical
Physical
Physical
Physical Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Dimensions
31,8 x 20,3x 10,2 mm
1,25 x 0,80 x 0,40 inches
Weight
12,2 g
Case material
Non conductive black plastic
Technical
Technical
Technical
Technical
Technical
Technical
Technical
Technical Data
Data
Data
Data
Data
Data
Data
Data Input
Input
Input
Input
Input
Input
Input
Input
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Data
Data
Data
Data
Uin
DC Input Voltage
5VDC
12VDC
24VDC
4.5~5.5V
10.8~13.2V
21.6~26.4V
fsw
Switching Frequency
20KHZ typ
η
Efficiency
50%
Input Filter
Π-Filter
5.2
5.2
5.2
5.2 KV
KV
KV
KV ISOLATED
ISOLATED
ISOLATED
ISOLATED 2W
2W
2W
2W REGULATED
REGULATED
REGULATED
REGULATED SINGLE
SINGLE
SINGLE
SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DIP24
DIP24
DIP24
DIP24 Converters
Converters
Converters
Converters
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
INPUT 5, 12 and 24 VDC
LOW OUTPUT RIPPLE & NOISE
PI TYPE INPUT FILTER
OUTPUT 5, 9,12VDC
HIGH EFFICIENCY UP TO 78%
STANDARD 24 PIN DIP PACKAGE
Other specifications please enquire
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The H-XPD-2W series offer 2 watts of output power from a package
in an IC compatible 24 pin DIP configuration without derating to 71℃
ambient temperature. H-XPD-2W features 5200VDC of isolation
voltage.
MICRODC reserves the copyright




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl