Selected language     English  ▼


H-XPD-2W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part No. H-XPD-2W
Description  5.2 KVISOLATED 2WREGULATED SINGLE OUTPUT DIP24 Converters
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 2 page
background image
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W
H-XPD-2W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
Pin
Pin
Pin
Pin
Connection
Connection
Connection
Connection
Single
Single
Single
Single
1、2
+V Input
3、10、11
Omitted
12
-V Output
13
+V Output
14、15、22
Omitted
23、24
-V Input
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature derating
derating
derating
derating
derating
derating
derating
derating curve
curve
curve
curve
curve
curve
curve
curve
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Note:
Note:
Note:
Note:
Unit
Unit
Unit
Unit :mm[inch]
:mm[inch]
:mm[inch]
:mm[inch]
General
General
General
General tolerances:
tolerances:
tolerances:
tolerances: ±0.50mm[
0.50mm[
0.50mm[
0.50mm[±0.020inch]
0.020inch]
0.020inch]
0.020inch]
L=530mm[20.866inch]
L=530mm[20.866inch]
L=530mm[20.866inch]
L=530mm[20.866inch] Tube
Tube
Tube
Tube Quantity:
Quantity:
Quantity:
Quantity: 19pcs
19pcs
19pcs
19pcs
L=220mm[8.661inch]
L=220mm[8.661inch]
L=220mm[8.661inch]
L=220mm[8.661inch] Tube
Tube
Tube
Tube Quantity:
Quantity:
Quantity:
Quantity: 7pcs
7pcs
7pcs
7pcs




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl