Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9221 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9221
Description  Precision 7mm Sexless to BNC Male Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9221 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9221 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9221 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Precision 7mm Sexless to BNC Male Adapter
Configuration
Connector 1
7mm Sexless
Impedance 1
50 Ohms
Connector Specification 1
IEEE STD 287
Connector 2
BNC Male
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 8
Maximum VSWR
1.15:1
Mechanical Specifications
Size
Length, in [mm]
1.665 [42.29]
Width/Dia., in [mm]
0.87 [22.1]
.
Connector 1
Type
7mm Sexless
Connector 2
Type
BNC Male
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/7mm-sexless-bnc-male-straight-adapter-pe9221-p.aspx
Precision 7mm Sexless to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Precision 7mm Sexless to BNC Male Adapter
PE9221
PE9221 REV


Similar Part No. - PE9221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
   Precision 7mm Sexless to BNC Female Adapter
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
   GR874 Sexless to BNC Female Adapter
PE9223 PASTERNACK-PE9223 Datasheet
79Kb / 1P
   GR874 TO BNC MALE
PE9224 PASTERNACK-PE9224 Datasheet
83Kb / 1P
   TWINAX T FEMALE-FEMALE-FEMALE
PE9225 PASTERNACK-PE9225 Datasheet
75Kb / 1P
   SC T FEMALE-MALE-FEMALE
More results

Similar Description - PE9221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
   Precision 7mm Sexless to BNC Female Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
   Precision N Male to 7mm Sexless Adapter
PE9326 PASTERNACK-PE9326 Datasheet
255Kb / 2P
   Precision 3.5mm Male to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
   Precision SMA Male to 7mm Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
   Precision N Male to 7mm Sexless Adapter
PE9509 PASTERNACK-PE9509 Datasheet
257Kb / 3P
   Precision 7/16 DIN Male to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
   Precision SMA Female to 7mm Sexless Adapter
PE9325 PASTERNACK-PE9325 Datasheet
254Kb / 3P
   Precision 3.5mm Female to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
   Precision SMA Female to 7mm Sexless Adapter
PE9356 PASTERNACK-PE9356 Datasheet
251Kb / 3P
   Precision SSMA Female to 7mm Sexless Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com